Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

GD25Q128CXIGX Datasheet(PDF) 11 Page - ELM Electronics

No. de pieza GD25Q128CXIGX
Descripción Electrónicos  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ELM [ELM Electronics]
Página de inicio  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q128CXIGX Datasheet(HTML) 11 Page - ELM Electronics

Back Button GD25Q128CXIGX Datasheet HTML 7Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 8Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 9Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 10Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 11Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 12Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 13Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 14Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 15Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 69 page
background image
11
Rev.1.2
69 -
http://www.elm-tech.com
GD25Q128CxIGx 3.3V Uniform Sector Dual and Quad Serial Flash
6. STATUS REGISTER
The status and control bits of the Status Register are as follows:
WIP bit.
The Write in Progress (WIP) bit indicates whether the memory is busy in program/erase/write status register
progress. When WIP bit sets to 1, means the device is busy in program/erase/write status register progress, when
WIP bit sets 0, means the device is not in program/erase/write status register progress.
WEL bit.
The Write Enable Latch (WEL) bit indicates the status of the internal Write Enable Latch. When set to 1 the
internal Write Enable Latch is set, when set to 0 the internal Write Enable Latch is reset and no Write Status
Register, Program or Erase command is accepted.
BP4, BP3, BP2, BP1, BP0 bits.
The Block Protect (BP4, BP3, BP2, BP1 and BP0) bits are non-volatile. They define the size of the area to be
software protected against Program and Erase commands. These bits are written with the Write Status Register
(WRSR) command. When the Block Protect (BP4, BP3, BP2, BP1 and BP0) bits are set to 1, the relevant
memory area (as defined in Table1). becomes protected against Page Program (PP), Sector Erase (SE) and Block
Erase (BE) commands. The Block Protect (BP4, BP3, BP2, BP1 and BP0) bits can be written provided that
the Hardware Protected mode has not been set. The Chip Erase (CE) command is executed, only if the Block
Protect (BP2, BP1 and BP0) bits are 0 and CMP=0.
SRP1, SRP0 bits.
The Status Register Protect (SRP1 and SRP0) bits are non-volatile Read/Write bits in the status register. The
SRP bits control the method of write protection: software protection, hardware protection, power supply lock-
down or one time programmable protection.
S15
S14
S13
S12
S11
S10
S9
S8
SUS1
CMP
LB3
LB2
LB1
SUS2
QE
SRP1
S7
S6
S5
S4
S3
S2
S1
S0
SRP0
BP4
BP3
BP2
BP1
BP0
WEL
WIP
SRP1 SRP0 #WP
Status Register
Description
0
0
×
Software Protected The Status Register can be written to after a Write Enable
command, WEL=1.(Default)
0
1
0
Hardware Protected WP#=0, the Status Register locked and can not be written to.
0
1
1
Hardware Unprotected WP#=1, the Status Register is unlocked and can be written to
after a Write Enable command, WEL=1.
1
0
×
Power Supply
Lock-Down(1)
Status Register is protected and can not be written to again until
the next Power-Down, Power-Up cycle.
1
1
×
One Time Program(2) Status Register is permanently protected and can not be written to.
S23
S22
S21
S20
S19
S18
S17
S16
HOLD/RST
DRV1
DRV0
Reserved
Reserved
WPS
Reserved
Reserved
NOTE: (1). When SRP1, SRP0= (1, 0), a Power-Down, Power-Up cycle will change SRP1, SRP0 to (0, 0) state.
(2). This feature is available on special order. Please contact ELM for details.


Número de pieza similar - GD25Q128CXIGX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ELM Electronics
GD25Q128C ELM-GD25Q128C Datasheet
2Mb / 69P
128M-bit Serial Flash
More results

Descripción similar - GD25Q128CXIGX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ELM Electronics
GD25Q16 ELM-GD25Q16 Datasheet
3Mb / 49P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q32 ELM-GD25Q32 Datasheet
3Mb / 50P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q32CXIGX ELM-GD25Q32CXIGX Datasheet
3Mb / 50P
3.3V Uniform Sector Dual and Quad Serial Flash
logo
GigaDevice Semiconducto...
GD25Q80C GIGADEVICE-GD25Q80C Datasheet
1Mb / 67P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25B64C GIGADEVICE-GD25B64C Datasheet
1Mb / 57P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25B256D GIGADEVICE-GD25B256D Datasheet
1Mb / 82P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25B257D GIGADEVICE-GD25B257D Datasheet
1Mb / 92P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q64C GIGADEVICE-GD25Q64C Datasheet
1Mb / 74P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q127C GIGADEVICE-GD25Q127C Datasheet
1Mb / 79P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25R256D GIGADEVICE-GD25R256D Datasheet
1Mb / 82P
3.3V Uniform Sector Dual and Quad Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com