Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

GD25Q128CXIGX Datasheet(PDF) 12 Page - ELM Electronics

No. de pieza GD25Q128CXIGX
Descripción Electrónicos  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ELM [ELM Electronics]
Página de inicio  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q128CXIGX Datasheet(HTML) 12 Page - ELM Electronics

Back Button GD25Q128CXIGX Datasheet HTML 8Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 9Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 10Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 11Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 12Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 13Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 14Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 15Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 16Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 69 page
background image
12
Rev.1.2
69 -
http://www.elm-tech.com
GD25Q128CxIGx 3.3V Uniform Sector Dual and Quad Serial Flash
QE bit.
The Quad Enable (QE) bit is a non-volatile Read/Write bit in the Status Register that allows Quad operation.
When the QE bit is set to 0 (Default) the WP# pin and HOLD#/RESET# pin are enable. When the QE pin is set
to 1, the Quad IO2 and IO3 pins are enabled. (The QE bit should never be set to 1 during standard SPI or Dual
SPI operation if the WP# or HOLD#/RESET# pins are tied directly to the power supply or ground).
LB3, LB2, LB1 bits.
The LB3, LB2, LB1 bits are non-volatile One Time Program (OTP) bits in Status Register (S13-S11) that
provide the write protect control and status to the Security Registers. The default state of LB3-LB1 are 0,
the security registers are unlocked. The LB3-LB1 bits can be set to 1 individually using the Write Register
instruction. The LB3-LB1 bits are One Time Programmable, once its set to 1, the Security Registers will become
read-only permanently.
CMP bit.
The CMP bit is a non-volatile Read/Write bit in the Status Register (S14). It is used in conjunction the BP4-
BP0 bits to provide more flexibility for the array protection. Please see the Status registers Memory Protection
table for details. The default setting is CMP=0.
SUS1, SUS2 bits.
The SUS1 and SUS2 bits are read only bit in the status register (S15 and S10) that are set to 1 after executing an
Program/Erase Suspend (75H) command (The Erase Suspend will set the SUS1 to 1, and the Program Suspend
will set the SUS2 to 1) . The SUS1 and SUS2 bits are cleared to 0 by Program/Erase Resume (7AH) command
as well as a power-down, power-up cycle.
WPS bit.
The WPS Bit is used to select which Write Protect scheme should be used. When WPS=0, the device will use
the combination of CMP, BP (4:0) bits to protect a specific area of the memory array. When WPS=1, the device
will utilize the Individual Block Locks to protect any individual sector or blocks. The default value for all
Individual Block Lock bits is 1 upon device power on or after reset.
DRV1/DRV0.
The DRV1 & DRV0 bits are used to determine the output driver strength for the Read operations.
DRV1, DRV0
Driver Strength
00
100%
01
75%
10
50% (default)
11
25%
HOLD/RST
The HOLD/RST bit is used to determine whether HOLD# or RESET# function should be implemented on the
hardware pin for 8-pin packages. When HOLD/RST=0, the pin acts as HOLD#, When the HOLD/RST=1, the
pin acts as RESET#. However, the HOLD# or RESET# function are only available when QE=0, If QE=1, The
HOLD# and RESET# functions are disabled, the pin acts as dedicated data I/O pin.


Número de pieza similar - GD25Q128CXIGX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ELM Electronics
GD25Q128C ELM-GD25Q128C Datasheet
2Mb / 69P
128M-bit Serial Flash
More results

Descripción similar - GD25Q128CXIGX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ELM Electronics
GD25Q16 ELM-GD25Q16 Datasheet
3Mb / 49P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q32 ELM-GD25Q32 Datasheet
3Mb / 50P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q32CXIGX ELM-GD25Q32CXIGX Datasheet
3Mb / 50P
3.3V Uniform Sector Dual and Quad Serial Flash
logo
GigaDevice Semiconducto...
GD25Q80C GIGADEVICE-GD25Q80C Datasheet
1Mb / 67P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25B64C GIGADEVICE-GD25B64C Datasheet
1Mb / 57P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25B256D GIGADEVICE-GD25B256D Datasheet
1Mb / 82P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25B257D GIGADEVICE-GD25B257D Datasheet
1Mb / 92P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q64C GIGADEVICE-GD25Q64C Datasheet
1Mb / 74P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q127C GIGADEVICE-GD25Q127C Datasheet
1Mb / 79P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25R256D GIGADEVICE-GD25R256D Datasheet
1Mb / 82P
3.3V Uniform Sector Dual and Quad Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com