Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

GD25Q128CXIGX Datasheet(PDF) 15 Page - ELM Electronics

No. de pieza GD25Q128CXIGX
Descripción Electrónicos  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ELM [ELM Electronics]
Página de inicio  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q128CXIGX Datasheet(HTML) 15 Page - ELM Electronics

Back Button GD25Q128CXIGX Datasheet HTML 11Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 12Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 13Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 14Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 15Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 16Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 17Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 18Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 19Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 69 page
background image
15
Rev.1.2
69 -
http://www.elm-tech.com
GD25Q128CxIGx 3.3V Uniform Sector Dual and Quad Serial Flash
Command Name
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
Clock Number
(0, 1)
(2, 3)
(4, 5)
(6, 7)
(8, 9)
(10, 11)
Write Enable
06H
Volatile SR Write Enable
50H
Write Disable
04H
Read Status Register-1
05H
(S7-S0)
Read Status Register-2
35H
(S15-S8)
Read Status Register-3
15H
(S23-S16)
Write Status Register-1
01H
(S7-S0)
Write Status Register-2
31H
(S15-S8)
Write Status Register-3
11H
(S23-S16)
Page Program
02H
A23-A16
A15-A8
A7-A0
(D7-D0)
Next byte
Sector Erase
20H
A23-A16
A15-A8
A7-A0
Block Erase (32K)
52H
A23-A16
A15-A8
A7-A0
Block Erase (64K)
D8H
A23-A16
A15-A8
A7-A0
Chip Erase
C7/60H
Program/Erase Suspend
75H
Program/Erase Resume
7AH
Deep Power-Down
B9H
Set Read Parameters
C0H
P7-P0
Fast Read
0BH
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)
Burst Read with Wrap
0CH
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)
Quad I/O Fast Read
EBH
A23-A16
A15-A8
A7-A0
M7-M0
(D7-D0)
Release From Deep
Power-Down,
And Read Device ID
ABH
dummy
dummy
dummy
(DID7-
DID0)
Manufacturer/
Device ID
90H
dummy
dummy
00H
(MID7-
MID0)
(DID7-
DID0)
Read Identification
9FH
(MID7-
MID0)
(JDID15-
JDID8)
(JDID7-
JDID0)
Read Serial Flash
Discoverable Parameter
5AH
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)
Disable QPI
FFH
Enable Reset
66H
Reset
99H
Individual Block Lock
36H
A23-A16
A15-A8
A7-A0
Individual Block Unlock
39H
A23-A16
A15-A8
A7-A0
Read Block Lock
3DH
A23-A16
A15-A8
A7-A0
Global Block Lock
7EH
Global Block Unlock
98H
Table 7.2. Commands (QPI)
NOTE:
(1) Dual Output data
IO0 = (D6, D4, D2, D0)
IO1 = (D7, D5, D3, D1)


Número de pieza similar - GD25Q128CXIGX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ELM Electronics
GD25Q128C ELM-GD25Q128C Datasheet
2Mb / 69P
128M-bit Serial Flash
More results

Descripción similar - GD25Q128CXIGX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ELM Electronics
GD25Q16 ELM-GD25Q16 Datasheet
3Mb / 49P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q32 ELM-GD25Q32 Datasheet
3Mb / 50P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q32CXIGX ELM-GD25Q32CXIGX Datasheet
3Mb / 50P
3.3V Uniform Sector Dual and Quad Serial Flash
logo
GigaDevice Semiconducto...
GD25Q80C GIGADEVICE-GD25Q80C Datasheet
1Mb / 67P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25B64C GIGADEVICE-GD25B64C Datasheet
1Mb / 57P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25B256D GIGADEVICE-GD25B256D Datasheet
1Mb / 82P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25B257D GIGADEVICE-GD25B257D Datasheet
1Mb / 92P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q64C GIGADEVICE-GD25Q64C Datasheet
1Mb / 74P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q127C GIGADEVICE-GD25Q127C Datasheet
1Mb / 79P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25R256D GIGADEVICE-GD25R256D Datasheet
1Mb / 82P
3.3V Uniform Sector Dual and Quad Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com