Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

400VXG100MEFCSN22X30 Datasheet(PDF) 1 Page - RUBYCON CORPORATION

No. de pieza 400VXG100MEFCSN22X30
Descripción Electrónicos  SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RUBYCON [RUBYCON CORPORATION]
Página de inicio  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

400VXG100MEFCSN22X30 Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  400VXG100MEFCSN22X30 Datasheet HTML 1Page - RUBYCON CORPORATION 400VXG100MEFCSN22X30 Datasheet HTML 2Page - RUBYCON CORPORATION 400VXG100MEFCSN22X30 Datasheet HTML 3Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Frequency
(Hz)
Coefficient
60(50)120(100)
500
1k
10k≦
0.90 1.00
1.05 1.10 1.15
0.80
10∼100Vdc
200∼250Vdc
1.00
1.20 1.30 1.50
0.80
400∼500Vdc
1.00
1.20
300
1.03
1.15
1.15
1.25 1.40
Rated Voltage
(Vdc)
Z
(−25℃)
/Z
(20℃)
10∼100
3
200∼250
3
Z
(−40℃)
/Z
(20℃)
12
400∼450
8
475∼500
12
(120Hz)
(20℃,
120Hz)
Rated Voltage
(Vdc)
tanδ
0.55
10
0.50
16
0.45
25
0.40
35
0.35
50
0.30
63
0.25
80
0.20
100
0.25
0.20
200∼
250
0.20
400∼
450
475∼
500
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
VXG
SERIES
VXG
◆SPECIFICATIONS
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
Dissipation Factor(MAX)
(tanδ)
Endurance
Low Temperature Stability
Impedance Ratio(MAX)
Items
Characteristics
−40∼+105℃
10∼100Vdc
−25∼+105℃
200∼500Vdc
±20%
(20℃,
120Hz)
I=Leakage Current(μA)
V=Rated Voltage(Vdc)
C=Capacitance(μF)
Leakage Current
Dissipation Factor
Capacitance Change
Within ±20%(For 10WV ; ±25%)of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
105℃ 5000 hours
Load Life : 105℃ 5000 hours.
After applying rated voltage with rated ripple current for 5000 hours at 105℃,
the capacitors shall meet the following requirements.
I=3 CV (After 5 minutes application of rated voltage)
◆PART NUMBER
□□□
Rated Voltage
VXG
Series
SN
Terminal Code
□□□
Option
D×L
Case Size
□□□□□
Capacitance
M
Capacitance Tolerance
◆DIMENSIONS
(mm)
MOUNTING HOLES
10±0.1
φD±1
2-φ2
10
φD±1
NEGATIVE
4±0.5
L±2
SLEEVE
(PET)
VENT
※For φ35, 3.5±0.5
SN[4(3.5)mm]terminal type
◆MULTIPLIER FOR RIPPLE CURRENT
◆OPTION
PET Sleeve without plate
EFC
Code
RoHS
compliance


Número de pieza similar - 400VXG100MEFCSN22X30

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
RUBYCON CORPORATION
400VXR68M22X30 RUBYCON-400VXR68M22X30 Datasheet
56Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
400VXR68M25X25 RUBYCON-400VXR68M25X25 Datasheet
56Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
400VXR82M22X30 RUBYCON-400VXR82M22X30 Datasheet
56Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
400VXR82M25X25 RUBYCON-400VXR82M25X25 Datasheet
56Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
400VXW100M16X35 RUBYCON-400VXW100M16X35 Datasheet
46Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Descripción similar - 400VXG100MEFCSN22X30

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MERITEK ELECTRONICS COR...
MWC MERITEK-MWC Datasheet
292Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
MUD MERITEK-MUD Datasheet
239Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
MUH MERITEK-MUH Datasheet
349Kb / 3P
Snap-In Aluminum Electrolytic Capacitors
MUT MERITEK-MUT Datasheet
264Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
MHT MERITEK-MHT Datasheet
284Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400MXK390MEFCSN22X50 RUBYCON-400MXK390MEFCSN22X50 Datasheet
165Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALC40A822BB025 KEMET-ALC40A822BB025 Datasheet
4Mb / 15P
Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
450HXG68MEFCSN20X25 RUBYCON-450HXG68MEFCSN20X25 Datasheet
166Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC10000MEFCSN25X25 RUBYCON-25USC10000MEFCSN25X25 Datasheet
325Kb / 4P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC22000MEFCSN25X45 RUBYCON-25USC22000MEFCSN25X45 Datasheet
325Kb / 4P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com