Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

400VXG100MEFCSN22X30 Datasheet(PDF) 3 Page - RUBYCON CORPORATION

No. de pieza 400VXG100MEFCSN22X30
Descripción Electrónicos  SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RUBYCON [RUBYCON CORPORATION]
Página de inicio  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

400VXG100MEFCSN22X30 Datasheet(HTML) 3 Page - RUBYCON CORPORATION

  400VXG100MEFCSN22X30 Datasheet HTML 1Page - RUBYCON CORPORATION 400VXG100MEFCSN22X30 Datasheet HTML 2Page - RUBYCON CORPORATION 400VXG100MEFCSN22X30 Datasheet HTML 3Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Vdc
φD
Cap(μF)
400
φ22
φ25
φ30
φ35
250
φ22
φ25
φ30
φ35
Vdc
φD
Cap(μF)
200
220
φ22
φ25
φ30
φ35
φ22
φ25
φ30
φ35
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
1200
1500
1800
82
100
120
150
180
220
270
330
390
470
560
680
820
450
420
475
◆STANDARD SIZE
Case Size φD×L(mm)
Ripple Current (A r.m.s./120Hz, 105℃)
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
VXG
47
56
68
82
100
120
150
180
220
270
330
390
470
500
270
330
390
470
560
680
820
1000
1200
1500
1800
2200
22×25
22×30
22×30
22×35
22×40
22×45
22×50
1.31
1.53
1.61
1.84
2.07
2.32
2.58
25×25
25×30
25×30
25×35
25×40
25×45
1.49
1.75
1.81
2.07
2.33
2.62
30×25
30×30
30×35
30×40
30×45
1.67
1.95
2.23
2.50
2.82
35×25
35×30
35×35
35×40
35×45
35×50
1.65
1.94
2.24
2.56
2.85
3.14
25×25
25×30
25×35
25×40
25×45
25×50
25×60
1.49
1.73
1.97
2.23
2.48
2.77
3.16
22×25
22×30
22×35
22×40
22×45
22×50
22×60
1.31
1.53
1.73
1.96
2.18
2.43
2.80
30×25
30×30
30×35
30×40
30×45
30×50
30×60
1.60
1.89
2.17
2.43
2.68
3.01
3.48
35×25
35×30
35×35
35×40
35×40
35×50
35×60
1.58
1.91
2.21
2.48
2.50
3.04
3.40
Vdc
φD
Cap(μF)
φ22
φ25
φ30
φ35
φ22
φ25
φ30
φ35
25×25
25×30
25×35
25×40
25×45
25×50
25×60
1.39
1.65
1.88
2.11
2.36
2.61
3.02
22×25
22×30
22×35
22×40
22×45
22×50
22×55
1.22
1.43
1.64
1.84
2.06
2.29
2.54
30×25
30×30
30×35
30×40
30×45
30×50
30×60
1.55
1.84
2.11
2.36
2.63
2.85
3.31
35×25
35×30
35×30
35×35
35×40
35×50
35×55
1.56
1.80
1.81
2.38
2.41
2.92
3.12
25×25
25×30
25×35
25×35
25×45
25×50
25×55
0.95
1.11
1.26
1.35
1.61
1.80
1.99
22×25
22×30
22×30
22×35
22×40
22×50
22×55
0.77
0.89
0.96
1.11
1.25
1.47
1.65
30×25
30×30
30×35
30×40
30×45
30×50
30×60
1.16
1.35
1.54
1.74
1.93
2.14
2.44
35×25
35×30
35×30
35×35
35×40
35×45
35×50
35×60
1.26
1.48
1.54
1.74
1.95
2.19
2.40
2.77
25×25
25×30
25×35
25×40
25×45
25×50
25×60
0.93
1.08
1.23
1.39
1.57
1.77
2.01
22×25
22×30
22×35
22×40
22×45
22×50
22×60
0.75
0.87
0.99
1.14
1.28
1.44
1.66
30×25
30×30
30×35
30×40
30×45
30×50
30×60
1.14
1.32
1.51
1.71
1.89
2.09
2.39
35×25
35×30
35×35
35×40
35×40
35×50
35×55
35×60
1.24
1.45
1.66
1.86
1.93
2.27
2.48
2.69
25×25
25×30
25×30
25×35
25×40
25×50
0.86
0.99
1.09
1.23
1.40
1.64
22×25
22×30
22×35
22×40
22×45
22×55
0.76
0.88
1.00
1.14
1.29
1.49
30×25
30×30
30×30
30×35
30×45
30×50
30×55
1.08
1.24
1.32
1.51
1.80
1.98
2.19
35×25
35×30
35×35
35×40
35×45
35×50
35×55
1.23
1.45
1.65
1.85
2.05
2.26
2.49
Vdc
φD
Cap(μF)
φ22
φ25
φ30
φ35
φ22
φ25
φ30
φ35
25×25
25×30
25×30
25×35
25×40
25×50
25×60
0.77
0.88
0.96
1.11
1.25
1.45
1.68
22×25
22×30
22×30
22×35
22×40
22×45
22×55
0.62
0.71
0.77
0.89
1.00
1.15
1.32
30×25
30×30
30×30
30×35
30×40
30×55
0.96
1.12
1.20
1.36
1.55
1.89
35×25
35×30
35×35
35×40
35×50
35×60
1.14
1.33
1.52
1.71
1.99
2.28
25×25
25×30
25×35
25×35
25×45
25×50
25×55
0.72
0.83
0.94
1.02
1.21
1.36
1.52
22×25
22×30
22×30
22×35
22×40
22×50
22×55
22×60
0.58
0.66
0.73
0.83
0.94
1.08
1.24
1.38
30×25
30×25
30×30
30×35
30×40
30×45
30×50
30×55
0.83
0.91
1.04
1.19
1.34
1.51
1.69
1.89
35×25
35×30
35×30
35×40
35×40
35×45
35×55
35×60
1.01
1.18
1.25
1.51
1.62
1.81
2.08
2.28


Número de pieza similar - 400VXG100MEFCSN22X30

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
RUBYCON CORPORATION
400VXR68M22X30 RUBYCON-400VXR68M22X30 Datasheet
56Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
400VXR68M25X25 RUBYCON-400VXR68M25X25 Datasheet
56Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
400VXR82M22X30 RUBYCON-400VXR82M22X30 Datasheet
56Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
400VXR82M25X25 RUBYCON-400VXR82M25X25 Datasheet
56Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
400VXW100M16X35 RUBYCON-400VXW100M16X35 Datasheet
46Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Descripción similar - 400VXG100MEFCSN22X30

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MERITEK ELECTRONICS COR...
MHT MERITEK-MHT Datasheet
284Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
MUD MERITEK-MUD Datasheet
239Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
MUH MERITEK-MUH Datasheet
349Kb / 3P
Snap-In Aluminum Electrolytic Capacitors
MUT MERITEK-MUT Datasheet
264Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
MWC MERITEK-MWC Datasheet
292Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
logo
Kemet Corporation
ALC40A822BB025 KEMET-ALC40A822BB025 Datasheet
4Mb / 15P
Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400MXK390MEFCSN22X50 RUBYCON-400MXK390MEFCSN22X50 Datasheet
165Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC10000MEFCSN25X25 RUBYCON-25USC10000MEFCSN25X25 Datasheet
325Kb / 4P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC22000MEFCSN25X45 RUBYCON-25USC22000MEFCSN25X45 Datasheet
325Kb / 4P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
450HXG68MEFCSN20X25 RUBYCON-450HXG68MEFCSN20X25 Datasheet
166Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com