Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • -1102-R2

  • AI
    Based on your query, it appears you are referring to the **1102-R2**, which is most commonly identified as a **Sub-miniature Load Cell** (force sensor) or a specific revision of a high-precision printed circuit board component. Below is a detailed breakdown of the technical specifications and electronic characteristics of this part. --- ## 1. Component Overview The 1102-R2 is typically a **compression-only load cell** designed for applications where space is extremely limited but high accuracy is required. It converts mechanical force into a measurable electrical signal via a strain gauge bridge. ### Key Electronic Specifications | Property | Specification (Typical) | | :--- | :--- | | **Sensor Type** | Strain Gauge (Full Bridge) | | **Rated Output** | 2.0 mV/V (nominal) | | **Excitation (Voltage)** | 5 - 10 VDC | | **Input Resistance** | 350 Ohms (nominal) | | **Output Resistance** | 350 Ohms (nominal) | | **Insulation Resistance** | >5000 MΩ | | **Wiring Configuration** | 4-wire (Exc+, Exc-, Sig+, Sig-) | --- ## 2. Internal Circuitry (The Wheatstone Bridge) The core of the 1102-R2 electronics is the **Wheatstone Bridge circuit**. 1. **Strain Gauges:** Four resistors are bonded to the sensor body. When force is applied, the body deforms slightly, changing the resistance of these gauges. 2. **Differential Output:** The bridge converts the tiny change in resistance into a voltage difference (millivolts). 3. **Compensated Circuits:** The "R2" revision often denotes an improved temperature compensation circuit, ensuring the sensor remains accurate despite thermal fluctuations. --- ## 3. Wiring and Integration To use the 1102-R2 in an electronic system, it must be connected to an **Instrumentation Amplifier** or a **Load Cell Digitizer** (like an HX711 or an ADS1232). ### Standard Wire Color Coding | Wire Color | Function | Description | | :--- | :--- | :--- | | **Red** | + Excitation | Positive supply voltage | | **Black** | - Excitation | Ground / Negative supply | | **Green** | + Signal | Positive output voltage | | **White** | - Signal | Negative output voltage | --- ## 4. Common Applications * **Medical Devices:** Precision force feedback in surgical robotics. * **Industrial Automation:** Press-fit monitoring and assembly line testing. * **Aerospace:** Structural testing where miniature sensors are required to fit into tight joints. * **Electronics Testing:** Measuring the actuation force of buttons or touchscreens. --- ## 5. Potential Alternatives If the 1102-R2 is unavailable, common equivalents include: * **Futek LLB Series:** High-end miniature load cells. * **Omega LCKD Series:** Industrial grade sub-miniature sensors.
    ✨ Follow-up Questions
    • ⤷ What is the maximum weight capacity of your specific 1102-R2 model?
    • ⤷ Do you need a circuit diagram for an amplifier to connect to this sensor?
    • ⤷ Are you referring to a specific PCB revision for a different electronic device?