Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • -1143-R

  • AI
    The term **1143-R** typically refers to specific electronic components or hardware, most commonly associated with **RF (Radio Frequency) connectors** or specialized **power inductors**. Below is a breakdown of the two most common components sharing this designation. --- ## 1. RF Coaxial Connector: 1143-R In the context of radio frequency electronics, "1143-R" often refers to a specific series of **SMC (SubMiniature C)** or **BNC** style connectors, frequently produced by manufacturers like *Amphenol* or *Pomona*. ### Technical Specifications | Feature | Description | | :--- | :--- | | **Connector Type** | Usually BNC or SMC Coaxial | | **Impedance** | 50 Ohms (Standard) | | **Body Material** | Brass with Nickel or Gold Plating | | **Contact Material** | Beryllium Copper / Gold Plated | | **Frequency Range** | DC to 4 GHz or 10 GHz (depending on grade) | ### Key Applications * **Test Equipment:** Used in oscilloscopes and signal generators. * **Telecommunications:** Signal routing in base stations. * **Aerospace:** High-reliability cabling for avionics. --- ## 2. Power Inductor Series: 1143 (Model R) Certain manufacturers (like *Bourns* or *Coilcraft*) use the 1143 designation for high-current, surface-mount power inductors. The "R" often signifies **RoHS Compliance** or a specific **Resistance/Inductance** value. ### Common Parameters | Parameter | Typical Value Range | | :--- | :--- | | **Inductance** | 0.22µH to 47µH | | **Current Rating** | 5A to 30A | | **Operating Temp** | -40°C to +125°C | | **Mounting Type** | SMD (Surface Mount Device) | ### Functional Use * **DC-DC Converters:** Voltage regulation for CPUs and GPUs. * **Power Supplies:** Filtering noise in switching power circuits. --- ## How to Identify Your Part To be certain which "1143-R" you are dealing with, check the following: 1. **Manufacturer Logo:** Look for a brand mark (e.g., "M" for Molex, "A" for Amphenol). 2. **Package Type:** Is it a metal screw-on connector (RF) or a small square black block (Inductor)? 3. **Circuit Label:** Is it labeled as **L** (Inductor), **J** (Jack/Connector), or **P** (Plug) on the PCB? ---
    ✨ Follow-up Questions
    • ⤷Are you looking for the datasheet for a specific manufacturer of the 1143-R?
    • ⤷ Is this part being used in a high-frequency RF circuit or a power supply?
    • ⤷ Do you need help identifying the pinout or footprint for this component?