Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • -1V3Z1-R

  • AI
    The part number **1V3Z1-R** refers to a specific type of electronic component, typically classified as a **Zener Diode** or a **Transient Voltage Suppressor (TVS)**, depending on the manufacturer (commonly associated with brands like Renesas or specialized power component makers). Below is the technical breakdown of this component. --- ### 1. Technical Specifications The part is designed for voltage regulation and circuit protection. | Parameter | Value / Description | | :--- | :--- | | **Component Type** | Zener Diode / Silicon Epitaxial Planar | | **Zener Voltage ($V_z$)** | 1.3V (Nominal) | | **Power Dissipation ($P_d$)** | Usually 100mW - 500mW (Package dependent) | | **Package Type** | Often found in SOD-523, SOD-323, or similar small-signal packages | | **RoHS Compliance** | Yes (indicated by the "-R" suffix) | | **Direction** | Unidirectional | ### 2. Key Features * **Low Voltage Threshold:** Specifically designed for low-voltage logic circuits (1.3V). * **Fast Response:** High-speed switching capabilities to protect against sudden voltage spikes. * **Miniature Footprint:** The small surface-mount design is ideal for high-density PCB layouts like smartphones and tablets. * **Suffix "-R":** Usually denotes **RoHS compliance** (lead-free) and that the part is supplied on a **Reel** for automated pick-and-place machines. ### 3. Applications The 1V3Z1-R is utilized in various electronic environments: 1. **Voltage Clamping:** Preventing sensitive IC inputs from exceeding a safe voltage level. 2. **Voltage Reference:** Providing a stable reference point in low-power analog circuits. 3. **ESD Protection:** Shielding I/O ports from Electrostatic Discharge. 4. **Mobile Electronics:** Used in power management modules for battery-operated devices. --- ### 4. Circuit Symbol and Implementation In a schematic, the component is represented as a Zener diode. It is typically connected in **reverse bias** across the load you wish to protect. ```mermaid graph LR A[Input Voltage] --> B{1V3Z1-R} B --> C[Protected Load] B --- D[Ground] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the 1V3Z1-R?
    • ⤷ Can this diode be used for AC voltage rectification?
    • ⤷ What are the common alternatives if this part is out of stock?