Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • -2000-R

  • AI
    The term **"2000-R"** most commonly refers to the **2000-R Series of Discrete Resistors** (specifically high-precision or power resistors) or high-frequency **RF Power Sensors/Meters** like those manufactured by Bird Technologies. Below is an overview of the electronic components and specifications typically associated with the 2000-R designation. --- ## 1. Bird 2000-R Digital RF Power Meter In the world of RF (Radio Frequency) engineering, the **2000-R** is a well-known digital power sensor/meter used for field testing and maintenance of communication systems. ### Key Electronic Features | Feature | Description | | :--- | :--- | | **Frequency Range** | Typically 300 kHz to 6 GHz (depending on the sensor). | | **Interface** | USB-based connection for PC or handheld display. | | **Measurement Type** | True Average Power, VSWR, and Return Loss. | | **Circuitry** | High-speed Analog-to-Digital Converters (ADC) and FPGA processing. | --- ## 2. 2000-R Series Power Resistors If the context is passive components, "2000-R" often refers to a specific series of **Wirewound or Thick Film Resistors** designed for high-power dissipation. ### Component Breakdown * **Core Material:** Usually a ceramic or Alumina substrate for heat dissipation. * **Resistive Element:** Nickel-Chromium (NiCr) or specialized metal alloys. * **Coating:** Flameproof silicone or vitreous enamel to protect against environmental factors. ### Technical Specifications | Parameter | Typical Value | | :--- | :--- | | **Resistance Range** | 0.1 Ω to 100 kΩ | | **Power Rating** | 2 Watts to 10 Watts (depending on size) | | **Tolerance** | ±1%, ±5%, or ±10% | | **Temperature Coefficient** | ±20 ppm/°C to ±200 ppm/°C | --- ## 3. General "R" Suffix in Electronics In many electronic part numbering schemes, the **"R"** plays a specific role: 1. **Decimal Point:** In resistor marking (e.g., `2000-R` could denote $2000.0 \Omega$ or be a typo for $2R00$ which is $2.00 \Omega$). 2. **RoHS Compliance:** Often added to the end of a part number to signify the part is "Lead-Free" or "RoHS Compliant." 3. **Tape and Reel:** Indicates the packaging method (R = Reel). --- ### Example: Identifying a Part Number If you are looking at a specific physical component labeled "2000-R," use this logic: * **If it's a large cylinder with wire leads:** It is a Wirewound Resistor. * **If it's a small SMD chip:** It is likely a 2000 Ohm (2k) resistor with a 1% tolerance. * **If it's a metal box with N-type connectors:** It is an RF Power Sensor.
    ✨ Follow-up Questions
    • ⤷ Are you referring to a specific brand like Bird or Vishay?
    • ⤷ Do you need the pinout diagram for a specific 2000-R integrated circuit?
    • ⤷ How do you calculate the power dissipation for a 2000-R series resistor?