Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • -2054-R

  • AI
    Based on your query, **2054-R** typically refers to a high-specification series of **Power Inductors** or specific **Cable Assemblies**, most notably associated with manufacturers like *Bourns* or *CUI*. Below is a breakdown of the electronic characteristics and applications for the most common component associated with this part number (the **Toroidal Power Inductor**). --- ## 1. Technical Specifications (Standard 2054-R Inductor) Inductors in the 2000-series (specifically 2054-R) are designed for high-current applications where stability and efficiency are critical. | Feature | Specification (Typical) | | :--- | :--- | | **Inductance** | 100 µH to 250 µH (Model dependent) | | **Current Rating (DC)** | Up to 1.5A - 3.0A | | **Tolerance** | ±10% or ±15% | | **Core Material** | Iron Powder or Ferrite | | **Operating Temperature** | -55°C to +105°C | | **Mounting Type** | Through-hole (Vertical or Horizontal) | --- ## 2. Key Internal Components The "2054-R" part is composed of several critical materials that define its electronic behavior: ### A. Toroidal Core The "donut-shaped" core is designed to contain the magnetic flux within the ring. This reduces **Electromagnetic Interference (EMI)**, which is crucial for sensitive circuits. ### B. Magnet Wire High-purity copper wire is wound around the core. The "R" in the suffix often denotes **RoHS Compliance**, meaning the lead-free solder and insulation meet modern environmental safety standards. ### C. Mounting Base/Coating Usually encapsulated in a flame-retardant UL 94V-0 material to protect the windings from vibration and moisture. --- ## 3. Common Applications These parts are generally found in power management circuits: * **Switching Power Supplies:** Used as a filter to smooth out output current. * **DC-DC Converters:** Acts as an energy storage element during the switching cycle. * **EMI/RFI Filtering:** Blocks high-frequency noise in communication equipment. * **Industrial Controllers:** Provides stable power for PLCs and sensors. --- ## 4. Part Number Breakdown While manufacturer codes vary slightly, the nomenclature usually follows this logic: ```text 20 - 54 - R | | | Series Inductance Code RoHS Compliant ``` ---
    ✨ Follow-up Questions
    • ⤷Who is the primary manufacturer for the 2054-R inductor?
    • ⤷ What are the specific dimensions for a vertical mount 2054-R?
    • ⤷ Can this part be used in automotive-grade applications?