Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • -2112-R

  • AI
    The **2112-R** typically refers to a specific series of **Automotive Low-Profile Micro Relays** or high-current power connectors, depending on the manufacturer (most commonly associated with brands like *Tyco/TE Connectivity* or *Zierick*). Below is a technical breakdown of the electronic specifications and components generally associated with this part number. --- ## 1. Technical Specifications If referring to a standard 2112-R series relay/connector, these are the typical electrical characteristics: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Contact Form** | SPDT (1 Form C) | Single Pole Double Throw | | **Rated Voltage** | 12V / 24V DC | Common in automotive systems | | **Max Switching Current** | 20A - 30A | High current handling for small size | | **Coil Resistance** | ~90 - 120 $\Omega$ | Varies by sensitivity | | **Temperature Range** | -40°C to +125°C | Rated for engine bay environments | --- ## 2. Key Internal Components The 2112-R electronic assembly consists of several critical sub-parts: ### A. The Coil (Electromagnet) * **Winding:** Fine copper wire wound around a core. When current flows, it creates a magnetic field. * **Function:** Acts as the actuator that pulls the armature to switch the circuit. ### B. Contact Points * **Material:** Often Silver Tin Oxide ($AgSnO_2$). * **Function:** These are the actual "switches." Silver Tin Oxide is chosen for its resistance to "welding" (sticking) under high current loads. ### C. The Armature & Spring * **Armature:** The moving metal part attracted by the coil. * **Return Spring:** Ensures the contacts return to the "Normally Closed" (NC) position once power is removed from the coil. --- ## 3. Common Applications Parts labeled 2112-R are engineered for high-density electronic environments where space is limited. * **Automotive Control Units:** Used in Body Control Modules (BCM) for power windows, door locks, and wipers. * **PCB Mounting:** Designed with "Through-Hole" pins for secure soldering to Printed Circuit Boards. * **Power Distribution:** Small-scale power routing in industrial automation. --- ## 4. Troubleshooting & Testing To verify the functionality of a 2112-R part, use a multimeter: 1. **Coil Test:** Measure resistance across the coil pins. An "Open" reading (infinite $\Omega$) indicates a blown coil. 2. **Continuity Test:** Check for continuity between the Common (COM) and Normally Closed (NC) pins while the relay is off. 3. **Click Test:** Apply the rated voltage (12V) to the coil; a distinct "click" should be heard as the armature moves. ---
    ✨ Follow-up Questions
    • ⤷ Which specific manufacturer (e.g.
    • ⤷ TE Connectivity
    • ⤷ Zierick) are you referring to for the 2112-R?
    • ⤷ Do you need the pinout diagram for a PCB-mounted 2112-R relay?
    • ⤷ Are you looking for equivalent replacement parts for a 2112-R component?