Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • -2121-R

  • AI
    The **2121-R** typically refers to a specific series of surface-mount (SMD) components, most commonly found in high-performance **LED lighting** or specialized **connectors**. Below is a detailed breakdown of the electronic specifications and characteristics associated with the 2121-R designation. --- ## 1. Primary Category: SMD LEDs (2121 Package) In the electronics industry, "2121" usually denotes the physical dimensions of the component (2.1mm x 2.1mm). The "-R" suffix often indicates "Red" or "Reel" packaging. ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Dimensions** | 2.1mm (L) x 2.1mm (W) x 1.0mm (H) | | **Material** | InGaAlP (Indium Gallium Aluminum Phosphide) | | **Dominant Wavelength** | 620nm - 630nm (True Red) | | **Forward Voltage (Vf)** | 1.8V - 2.4V | | **Luminous Intensity** | 400 - 900 mcd (varies by manufacturer) | | **Viewing Angle** | 120° - 140° | --- ## 2. Construction and Design The 2121-R component is designed for high-density placement on PCBs (Printed Circuit Boards). ### Key Components: 1. **Lead Frame:** Usually silver-plated copper for optimal conductivity and heat dissipation. 2. **Encapsulation:** Clear or diffused epoxy/silicone resin. 3. **Polarity:** A notch or mark on one corner indicates the **Cathode (-)** side. 4. **Soldering Pads:** Located on the bottom (Surface Mount Technology) to minimize the footprint. --- ## 3. Applications These parts are widely used in industries requiring compact, bright visual indicators: * **LED Video Walls:** Used as sub-pixels in indoor high-definition displays. * **Automotive:** Dashboard backlighting and button indicators. * **Consumer Electronics:** Status lights on routers, laptops, and chargers. * **Industrial Panels:** Compact signal indicators for control systems. --- ## 4. Handling and Soldering Because of its small size, the 2121-R requires specific handling parameters: ### Reflow Profile Example ```markdown 1. Preheat: 150°C to 200°C (60-120 seconds) 2. Peak Temperature: 260°C (Max 10 seconds) 3. Cooling Rate: < 6°C/second ``` > **Warning:** These components are Moisture Sensitive (typically MSL 3). They must be baked if the vacuum seal has been broken for more than 168 hours to prevent "popcorning" during soldering. ---
    ✨ Follow-up Questions
    • ⤷ Are you referring to a specific manufacturer like Kingbright or Everlight for this part?
    • ⤷ Do you need the pinout diagram for a 2121-R RGB variant?
    • ⤷ What is the specific application or project you are using this part for?