Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • -24050-R

  • AI
    The **24050-R** typically refers to a high-performance **Step Motor Driver** or a specific **Current-Sensing Resistor** series, depending on the manufacturer. Most commonly, in industrial automation, it refers to a bipolar microstepping driver module. Below is an overview of the technical specifications and electronic components associated with this part number. --- ## 1. Technical Specifications If the part is a **Step Motor Driver (24050-R)**, it generally follows these electrical parameters: | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 24V to 50V DC | | **Output Current** | 0.5A to 5.0A (Peak) | | **Microstep Resolution** | Up to 25,600 steps/rev | | **Cooling** | Passive Heat Sink | | **Logic Signal Current** | 7mA to 16mA | | **Pulse Input Frequency** | Max 200 kHz | --- ## 2. Key Electronic Components The internal circuitry of a 24050-R module consists of several critical electronic sub-systems: ### A. Power Stage (H-Bridge) * **MOSFETs:** High-speed switching transistors that control the flow of current to the motor coils. * **Flyback Diodes:** Protect the MOSFETs from voltage spikes (back EMF) generated by the motor's inductance. ### B. Control Logic * **Microcontroller/ASIC:** Interprets "Step" and "Direction" signals from a PLC or Arduino and converts them into precise current pulses. * **Optoisolators:** Protect the control side from high-voltage spikes on the power side by using light-based signal transmission. ### C. Current Regulation * **Sense Resistors:** Low-resistance precision resistors used to monitor the real-time current flowing through the motor. * **Potentiometers:** Often used to manually set the output current limit and microstep settings via DIP switches. --- ## 3. Pin Configuration (Typical) Most 24050-R drivers utilize a standard interface for industrial wiring: | Pin Label | Function | Description | | :--- | :--- | :--- | | **PUL+ / PUL-** | Pulse Signal | Controls the speed and distance (Step). | | **DIR+ / DIR-** | Direction Signal | Controls clockwise or counter-clockwise rotation. | | **ENA+ / ENA-** | Enable Signal | Used to turn the motor torque on or off. | | **VCC / GND** | Power Supply | 24V - 50V DC input. | | **A+ / A- / B+ / B-** | Motor Phases | Connections to the stepper motor windings. | --- ## 4. Safety and Protection Features * **Over-Voltage Protection:** Shuts down the driver if input exceeds 50V. * **Over-Current Protection:** Prevents the MOSFETs from burning out if there is a short circuit. * **Automatic Idle Current Reduction:** Drops current to 50% when the motor is stationary to reduce heat.
    ✨ Follow-up Questions
    • ⤷ How do I wire a 24050-R driver to an Arduino?
    • ⤷ What is the difference between the 24050-R and the DM542 driver?
    • ⤷ How do I set the DIP switches for a specific microstep resolution?