Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • -2GRV6-R

  • AI
    The part number **2GRV6-R** refers to a specific series of **Metal Oxide Varistors (MOV)**, typically manufactured by companies like **Littelfuse** (specifically within the *Ultra MOV* or *High Surge* series) or associated with specialized surge protection components. --- ### 1. Component Overview A Varistor is a voltage-dependent, nonlinear device that provides protection against high-voltage transients (surges). The "R" suffix generally denotes **RoHS Compliance**. | Property | Specification | | :--- | :--- | | **Component Type** | Metal Oxide Varistor (MOV) | | **Primary Function** | Overvoltage Protection / Surge Suppression | | **Body Shape** | Disc (Radial Leaded) | | **Material** | Zinc Oxide (ZnO) with other metal oxides | --- ### 2. Key Technical Characteristics While specific ratings depend on the exact series prefix, the **2GRV** series generally follows these parameters: * **Voltage Sensitivity:** It maintains high impedance during normal operating voltages. When a surge occurs, the resistance drops drastically to shunt the current away from sensitive components. * **Energy Absorption:** High energy rating (measured in Joules) allowing it to handle lightning strikes or inductive load switching. * **Response Time:** Fast response (typically <25 nanoseconds) to clamping transients. * **Capacitance:** Relatively high, which usually restricts its use to power lines or low-speed data lines rather than high-speed communication. --- ### 3. Application Areas These parts are commonly found in the "front-end" of electronic circuits: 1. **Power Supplies (SMPS):** Placed across the AC input to protect against grid spikes. 2. **Industrial Controls:** Protecting PLCs and motors from inductive "kickback." 3. **Consumer Electronics:** Used in surge protectors and white goods (fridges, washers). 4. **Telecommunications:** Protection for line cards and power interfaces. --- ### 4. Circuit Implementation In a typical design, the varistor is placed in parallel with the load. ```mermaid graph LR Input_Live --- Fuse Fuse --- Varistor(2GRV6-R) Varistor --- Load Input_Neutral --- Varistor Input_Neutral --- Load ``` --- ### 5. Identification Guide If you are looking at the physical part, here is what the markings usually indicate: * **2G:** Often refers to the voltage class or physical disc size (e.g., 20mm). * **RV:** Abbreviation for Residual Voltage or Radial Varistor. * **6:** Version or Energy rating code. * **-R:** Lead-free / RoHS compliant. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific clamping voltage for the 2GRV6-R?
    • ⤷ How do I choose between a Varistor and a TVS Diode for my circuit?
    • ⤷ What are the signs that a 2GRV6-R varistor has failed?