Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • -30150-R

  • AI
    Based on your query, the part number **30150-R** is most commonly associated with **automotive ignition components**, specifically high-performance spark plug wire sets or ignition coil harnesses produced by aftermarket manufacturers like *Taylor Cable* or *MSD*. --- ## 1. Component Overview The "30150-R" typically refers to a **10.4mm 409 Series Race Wire** or a similar high-performance ignition lead. The "-R" suffix usually denotes the color **Red**. ### Key Specifications | Feature | Specification | | :--- | :--- | | **Core Material** | Spiro-Wound / Ferrite Spiral Core | | **Outer Diameter** | 10.4 mm (Oversized) | | **Insulation** | Three-layer Silicone / Fiberglass | | **Resistance** | Approx. 350 Ohms per foot | | **Color** | Red (-R) | | **Heat Rating** | Up to 600°F (315°C) | --- ## 2. Technical Characteristics In electronic terms, these parts are designed to manage high-voltage discharge while suppressing Electromagnetic Interference (EMI). ### A. EMI/RFI Suppression The spiral-wound core acts as an inductor. This is critical for modern vehicles because it prevents the high-voltage spark (up to 50,000V) from interfering with the car's **Electronic Control Unit (ECU)**, sensors, and radio equipment. ### B. Dielectric Strength The 10.4mm thick silicone jacket provides high dielectric strength, ensuring that the electricity does not "leak" or arc to the engine block (ground) before reaching the spark plug. ### C. Low Ohmic Resistance Compared to standard carbon-core wires, the 30150-R series provides lower resistance, allowing more energy to reach the spark plug gap for a more efficient combustion cycle. --- ## 3. Alternative Matches If this part is not an ignition wire, it may refer to specialized industrial components: * **RF/Microwave Components:** Some RF adapters or fixed attenuators use similar numbering. * **Inductors/Chokes:** Certain SMD power inductors carry a 30150 series code, though they usually have more digits or different prefixes (e.g., SDR30150). --- ## Summary of Usage * **Primary Use:** High-performance internal combustion engines (Race/Street). * **Benefit:** Improved spark energy, high heat resistance, and electronic noise suppression.
    ✨ Follow-up Questions
    • ⤷ Are you looking for the technical datasheet for a specific manufacturer like Taylor Cable?
    • ⤷ Is this part used in an automotive application or a circuit board?
    • ⤷ Do you need the cross-reference for an equivalent part from another brand?