Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • -3113-R

  • AI
    The **3113-R** typically refers to a high-voltage, high-reliability diode, specifically the **HV3113-R** or similar rectifier components used in specialized power electronics. These parts are designed for high-voltage rectification where standard diodes would fail. ### 1. Technical Specifications The following table outlines the general electrical characteristics for the 3113-R series rectifiers: | Feature | Specification | | :--- | :--- | | **Component Type** | High Voltage Silicon Rectifier | | **Peak Inverse Voltage (PIV)** | 3,000V - 10,000V (Model dependent) | | **Average Forward Current** | 100mA - 500mA | | **Forward Voltage Drop** | ~10V - 15V (at rated current) | | **Recovery Time** | Standard or Fast Recovery (approx. 100ns-200ns) | | **Operating Temperature** | -55°C to +150°C | --- ### 2. Key Internal Components To achieve its high voltage rating, the 3113-R is constructed differently than a standard signal diode: * **Multi-Junction Stack:** Instead of a single P-N junction, the 3113-R consists of several diode chips stacked in series inside a single package. This distributes the voltage stress across multiple junctions. * **Encapsulation:** The part is usually housed in a molded epoxy case with high dielectric strength to prevent "arcing" (electrical sparks jumping across the component body). * **Passivation:** The silicon surfaces are passivated with glass or specialized chemicals to ensure stability under high heat and moisture. --- ### 3. Common Applications Due to its ability to handle kilovolt-level loads, this part is found in: 1. **X-Ray Power Supplies:** Converting AC to DC for the high-voltage vacuum tubes. 2. **Laser Systems:** Used in the "pumping" circuits of gas lasers. 3. **Air Purifiers:** Powering the electrostatic precipitators that ionize dust particles. 4. **CRT Monitors:** (Legacy use) Providing the high voltage required for the electron gun in old television sets. --- ### 4. Safety Considerations When working with the 3113-R, engineers must follow specific protocols: * **Creepage Distance:** Ensure there is enough physical space between the diode leads on the PCB to prevent high-voltage surface tracking. * **Heat Dissipation:** Although the current is low (mA), the forward voltage drop is high (10V+), which can generate significant localized heat.
    ✨ Follow-up Questions
    • ⤷What is the difference between a standard diode and a high-voltage stack like the 3113-R?
    • ⤷ How do you test a 3113-R diode using a standard multimeter?
    • ⤷ What are the typical mounting requirements for high-voltage rectifiers on a PCB?