Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • -3H3-R3

  • AI
    Based on electronic component nomenclature and specifications, **3H3-R3** typically refers to a high-power, high-current **Power Inductor** (often from the Wurth Elektronik or similar SMD power inductor series). Below is a detailed breakdown of the part specifications and characteristics. --- ### 1. Specification Overview The part number follows a standard convention where "3H3" represents the inductance value and "R3" often refers to the series or case size. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Inductance** | 3.3 µH | "3H3" denotes 3.3 Microhenries (H replaces the decimal). | | **Component Type** | Power Inductor | Used for energy storage and filtering. | | **Mounting Type** | SMD / SMT | Surface Mount Device for PCB assembly. | | **Material** | Ferrite Core | Usually shielded to reduce Electromagnetic Interference (EMI). | | **Tolerance** | ±20% | Standard industry tolerance for power inductors. | --- ### 2. Physical & Technical Characteristics #### Electrical Behavior * **Saturation Current ($I_{sat}$):** These inductors are designed to handle high peak currents before the inductance drops significantly. For a 3.3µH inductor of this class, $I_{sat}$ is typically between **5A and 15A** depending on the physical dimensions. * **DC Resistance (DCR):** Usually very low (in the milliohm range) to minimize power loss and heat generation. #### Shielding The "R3" series is frequently **Magnetically Shielded**. This is critical for modern electronics to prevent the inductor's magnetic field from interfering with nearby sensitive components on the circuit board. --- ### 3. Common Applications This specific value (3.3µH) is a "sweet spot" for several power management circuits: 1. **DC/DC Converters:** Used in Buck (step-down) or Boost (step-up) converters to smooth out current ripples. 2. **Voltage Regulator Modules (VRMs):** Found near CPUs or GPUs on motherboards to provide stable power. 3. **Battery Powered Devices:** Used in tablets or laptops due to the high efficiency and compact size. 4. **Noise Filtering:** Acting as a low-pass filter to remove high-frequency noise from power lines. --- ### 4. Identification Tip If you are looking at the physical part: * The top of the component is usually marked with **3R3** or **3H3**. * The body is typically a grey or black square block.
    ✨ Follow-up Questions
    • ⤷ What is the difference between 3H3 and 3R3 in inductor marking?
    • ⤷ How do I calculate the saturation current for a 3.3µH inductor?
    • ⤷ Can I replace a 3H3 inductor with a 4H7 inductor in a buck converter?