Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • -41-R

  • AI
    The term **"41-R"** in electronics typically refers to two distinct categories: **Automotive Battery Group Sizes** or **Resistor markings/values**. Below is a detailed breakdown of both interpretations. --- ## 1. BCI Group 41-R Battery In the context of power electronics and automotive systems, "41-R" refers to a specific battery size standard defined by the Battery Council International (BCI). ### Specifications | Feature | Specification (Typical) | | :--- | :--- | | **Voltage** | 12V | | **Length** | 11.5 inches (292 mm) | | **Width** | 6.875 inches (175 mm) | | **Height** | 6.875 inches (175 mm) | | **The "R" Suffix** | Stands for **Reverse Polarity**. The positive and negative terminals are switched compared to the standard Group 41 battery. | ### Common Applications * European imported vehicles (Volkswagen, BMW, Audi). * Backup power systems for specific industrial equipment requiring low-profile lead-acid batteries. --- ## 2. Resistor Marking "41R" In circuit design and Surface Mount Technology (SMT), "41R" is a shorthand notation for resistance values. ### Value Interpretation * **41R** = **41 Ohms (Ω)**. * The "R" acts as a decimal point. If it were `4R1`, the value would be 4.1 Ohms. * If it is a 4-digit code like `41R0`, it represents 41.0 Ohms with a 1% tolerance. ### Physical Characteristics | Package Type | Marking Example | Power Rating (Typical) | | :--- | :--- | :--- | | **Through-Hole** | Yellow, Brown, Black, Gold bands | 1/4W to 1/2W | | **SMD (0805/1206)** | `410` or `41R` | 0.125W to 0.25W | --- ## 3. Comparison of Electronic Components Depending on your specific circuit board or project, you might be looking for one of the following: | Component Type | Role | Key Identification | | :--- | :--- | :--- | | **Resistor** | Limits current flow | Small, 2-lead device, marked "41R" | | **Zener Diode** | Voltage regulation | Some diodes use "41" in part numbers (e.g., 1N4148) | | **Battery** | Energy storage | Large lead-acid or lithium casing | --- ### Engineering Note If you are seeing "41-R" on a specific schematic or a PCB silkscreen, check if it refers to **Relay #41**. In large industrial schematics, components are often numbered sequentially (R1, R2... R41).
    ✨ Follow-up Questions
    • ⤷ Is 41-R referring to a specific resistor color code or an SMD marking?
    • ⤷ What are the terminal positions for a 41-R automotive battery?
    • ⤷ Are there specific power ratings associated with a 41-ohm resistor?