Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • -4321-R

  • AI
    The term **"4321-R"** most commonly refers to the **Cisco ISR 4321 Integrated Services Router**, specifically the "R" often denoting a Rack-mount or Refurbished designation in supply chains. However, in the context of electronic components, "4321-R" is also a specific part number for a **Power Inductor** manufactured by **Bourns (JW Miller)**. Below is a detailed breakdown of both interpretations. --- ## 1. Bourns 4321-R (Electronic Component) The 4321-R series consists of **molded RF chokes/inductors**. These are passive components designed to store energy in a magnetic field and filter high-frequency noise. ### Technical Specifications | Parameter | Description | | :--- | :--- | | **Component Type** | Fixed Inductor / RF Choke | | **Mounting Type** | Through-hole (Axial Lead) | | **Inductance Range** | Typically 0.10 µH to 1,000 µH (depending on suffix) | | **Material** | Ferrite or Phenolic Core | | **Standard Tolerance** | ±5% or ±10% | | **Application** | Decoupling, filtering, and RF blocking in circuits | --- ## 2. Cisco ISR 4321-R (Networking Hardware) If you are looking at this from a systems engineering perspective, the 4321-R is a branch office router. Its "electronic parts" comprise a complex PCB (Printed Circuit Board) with several key subsystems. ### Major Internal Subsystems 1. **CPU / Multi-Core Processor**: Powered by a multi-core CPU architecture that separates the control plane (management) and the data plane (traffic forwarding). 2. **Memory (DRAM & Flash)**: * **DRAM**: Usually starts at 4GB (upgradable) for running the IOS-XE operating system. * **Flash**: Typically 4GB for storing system images and configuration files. 3. **FPGA (Field Programmable Gate Array)**: Used for specialized packet processing and hardware acceleration of encryption (IPsec). 4. **Power Supply Unit (PSU)**: An external AC/DC adapter or internal module that converts mains power to low-voltage DC (12V/5V) for the motherboard. 5. **Interface Modules (NIMs)**: Network Interface Modules that allow for hardware expansion (e.g., adding T1/E1, LTE, or additional Ethernet ports). --- ## 3. Comparison Summary | Feature | Inductor (Bourns 4321-R) | Router (Cisco 4321) | | :--- | :--- | :--- | | **Category** | Passive Component | Active Network Device | | **Function** | Filters electrical noise | Manages data traffic | | **Size** | Small (millimeters) | Rack-mount (1RU) | | **Cost** | < $2.00 | > $500.00 | --- ### Part Identification Tip If you are looking at a circuit board and see "4321-R" printed on a small cylindrical component with color bands, it is an **inductor**. If you are looking at a metal box with Ethernet ports, it is the **Cisco Router**.
    ✨ Follow-up Questions
    • ⤷ What is the inductance value for a specific 4321-R color code?
    • ⤷ How do I upgrade the RAM in a Cisco 4321 router?
    • ⤷ Are there SMD equivalents to the 4321-R axial inductor?