Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • -4D1-R1

  • AI
    The **4D1-R1** refers to a specific configuration of a **4-Digit, 7-Segment LED Display module**. These components are widely used in electronics for displaying numerical data such as clock times, temperatures, or sensor readings. --- ## 1. Technical Specifications The "4D1" generally indicates "4 Digits," and the "R1" often specifies the color (Red) and the revision or wiring configuration. | Feature | Typical Specification | | :--- | :--- | | **Digit Count** | 4 Digits | | **Display Color** | Red (R1) | | **Circuit Type** | Common Cathode or Common Anode | | **Forward Voltage** | 1.8V to 2.2V per segment | | **Forward Current** | 10mA - 20mA | | **Pin Count** | 12 Pins (usually) | --- ## 2. Internal Structure Each digit consists of 7 individual LED segments (labeled **a** through **g**) and a decimal point (**DP**). ### How it works: * **Multiplexing:** Instead of having 32 separate pins for 4 digits (8 segments × 4), the module shares the segment pins (a-g) across all digits. * **Common Pins:** There are 4 "Digit Select" pins. To display a number, you cycle through the digits very fast (multiplexing) so the human eye perceives all four digits as being "on" simultaneously. --- ## 3. Pinout Configuration A standard 12-pin 4D1-R1 module typically follows this layout: | Pin Number | Function | | :--- | :--- | | 1, 2, 3, 4 | Digit Select (Digit 1, 2, 3, 4) | | 5 - 11 | Segment Controls (a, b, c, d, e, f, g) | | 12 | Decimal Point (DP) | --- ## 4. Example Wiring (Arduino) To use this with a microcontroller, you must use current-limiting resistors (220Ω) on the segment pins to prevent burning out the LEDs. ```cpp // Example: Defining pins for a Common Cathode 4D1-R1 int digitPins[] = {2, 3, 4, 5}; // Pins connected to D1, D2, D3, D4 int segmentPins[] = {6, 7, 8, 9, 10, 11, 12}; // a, b, c, d, e, f, g void setup() { for(int i=0; i<4; i++) pinMode(digitPins[i], OUTPUT); for(int i=0; i<7; i++) pinMode(segmentPins[i], OUTPUT); } ``` --- ## 5. Key Use Cases * **Digital Clocks:** Displaying HH:MM. * **Counters:** Industrial piece counters or timers. * **Voltmeters:** Displaying voltage levels (e.g., 12.0V). * **Temperature Displays:** Showing sensor data in real-time.
    ✨ Follow-up Questions
    • ⤷ How do I determine if my 4D1-R1 is Common Anode or Common Cathode?
    • ⤷ What is the best way to code multiplexing for this display?
    • ⤷ Which resistors are recommended for a 5V power supply?