Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • -4FD-R

  • AI
    The **4FD-R** is a specific electronic component typically identified as a **Fast Recovery Rectifier Diode** or a specific **Surface Mount (SMD) Bridge Rectifier**, depending on the manufacturer (often associated with brands like Diodes Incorporated or Shindengen). Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The "4FD" series generally refers to high-efficiency power diodes designed for rectification and circuit protection. | Feature | Typical Value | Description | | :--- | :--- | :--- | | **Component Type** | Rectifier Diode | Converts AC to DC or prevents reverse flow. | | **Maximum Peak Reverse Voltage ($V_{RRM}$)** | 200V - 600V | Varies by specific sub-model (R suffix). | | **Forward Current ($I_F$)** | 4.0 Amperes | Maximum continuous current handled. | | **Reverse Recovery Time ($t_{rr}$)** | < 100ns | Fast switching for high-frequency use. | | **Mounting Type** | SMD / SMT | Surface Mount Technology. | --- ### 2. Key Features * **Fast Recovery:** The "-R" suffix usually denotes "Fast Recovery" or "Ultra-Fast Recovery," meaning the diode can switch from a conducting to a non-conducting state very quickly with minimal energy loss. * **Low Forward Voltage Drop ($V_F$):** Designed to minimize power dissipation (heat) during operation. * **High Surge Capacity:** Able to withstand brief spikes in current without failing. * **Glass Passivated Junction:** The internal silicon chip is coated in glass to protect it from moisture and contaminants, increasing reliability. --- ### 3. Pinout and Internal Structure Most 4FD-R components come in a standard power package (like the **D-64** or **SMA/SMB/SMC** series). | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **Anode** | Current enters here. | | 2 | **Cathode** | Current exits here (marked by a band on the body). | --- ### 4. Common Applications Due to its fast switching speed and 4A current rating, the 4FD-R is commonly found in: 1. **Switching Power Supplies (SMPS):** Used in the output rectification stage. 2. **DC-DC Converters:** Managing power flow between different voltage levels. 3. **Inverters:** Converting battery power (DC) to household power (AC). 4. **Freewheeling Diodes:** Protecting circuits from inductive "kickback" in motors or relays. --- ### 5. Equivalent/Alternative Parts If you are looking for a replacement, consider these common alternatives with similar specs: * **MUR420** (Ultra Fast Rectifier, 4A, 200V) * **HER508** (High Efficiency Rectifier) * **UF5404** (Ultra Fast Recovery)
    ✨ Follow-up Questions
    • ⤷ What is the exact maximum reverse voltage for the 'R' variant of this diode?
    • ⤷ How does reverse recovery time impact the efficiency of a power supply?
    • ⤷ Can a standard 1N4007 be used as a substitute for a 4FD-R?