Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • -4H1-R2

  • AI
    The term **4H1-R2** is most commonly associated with a specific electronic component: a **Resistor Network** or **Resistor Array**. These parts are designed to house multiple resistors within a single package to save space on a Printed Circuit Board (PCB). --- ### 1. Technical Specifications While exact specs can vary by manufacturer (such as Bourns or Panasonic), the code typically breaks down as follows: | Feature | Specification | Description | | :--- | :--- | :--- | | **Circuit Type** | Isolated or Bussed | Usually refers to how the resistors are linked internally. | | **Package Style** | SIP (Single In-line Package) | A thin, rectangular component with pins in one row. | | **Pin Count** | 4-Pin / 8-Pin | Depends on the "4H" designation (often 4 resistors in a specific config). | | **Resistance Value** | Varies | Indicated by additional marking (e.g., 102 for 1kΩ). | | **Tolerance** | ±2% to ±5% | Standard precision for pull-up/pull-down tasks. | --- ### 2. Internal Configuration The "R2" suffix often denotes the internal schematic of the network. There are two primary types found in these series: * **Isolated (R1/R2 Style):** Each resistor is independent. A 4-pin package might contain 2 isolated resistors. * **Bussed:** All resistors share one common pin (usually for power or ground), while the other ends are connected to separate pins. ### 3. Common Applications These components are used in high-density electronic circuits where multiple identical resistance values are needed in close proximity: 1. **Pull-up/Pull-down Resistors:** Used in digital logic to ensure a pin stays at a high or low voltage state. 2. **LED Current Limiting:** Providing uniform resistance for a row of LED indicators. 3. **Bus Termination:** Used in communication lines (like SCSI or parallel ports) to prevent signal reflection. --- ### 4. Identification Example If you are looking at the physical part, you might see a code like `4H1-103`. * **4H1:** The series/package type. * **103:** The resistance value ($10 \times 10^3 = 10,000 \Omega$ or 10kΩ). ---
    ✨ Follow-up Questions
    • ⤷ How do I determine if a 4H1-R2 is bussed or isolated using a multimeter?
    • ⤷ What are the physical dimensions of a standard SIP resistor array?
    • ⤷ Can I replace a resistor array with individual discrete resistors?