Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • -510-R

  • AI
    The **510-R** typically refers to a standard component in the electronic cigarette (vaping) and aerospace connector industries. In the context of electronics and DIY hobbyist projects, "510" refers to the threading standard (10 threads at 0.5mm pitch), and the "R" often signifies a **Rebuildable** or **Ruggedized** variant. Below is an explanation of the electronic components and structural makeup of a 510-R connector. --- ## 1. Core Electronic Components A 510-R connector is essentially a specialized coaxial power connector designed to handle high current (Amperage) with minimal voltage drop. | Component | Material | Function | | :--- | :--- | :--- | | **Center Pin** | Brass, Copper, or Gold-plated | The positive (+) terminal. Conducts current to the heating element. | | **Outer Housing** | Stainless Steel or Zinc Alloy | The negative (-) terminal and structural ground. | | **Insulator** | PEEK or Teflon (PTFE) | Prevents short-circuiting between the positive pin and negative housing. | | **O-Rings** | Silicone or Nitrile | Provides a liquid seal and tension for the center pin. | | **Soldering Tabs** | Copper/Silver plated | Points where internal wiring (from the battery/chip) is attached. | --- ## 2. Technical Specifications When dealing with 510-R parts, the following electrical characteristics are standard for high-performance variants: * **Thread Specification:** M7 x 0.5mm pitch. * **Current Rating:** Typically 30A to 60A (depending on the gauge of the internal wiring). * **Resistance:** Ideally < 0.1 mΩ to ensure maximum power delivery. * **Heat Resistance:** PEEK insulators are used because they can withstand temperatures up to 300°C without melting. --- ## 3. The "R" Distinction (Features) The **R** designation in these electronic parts usually introduces specific mechanical-electronic improvements: ### Spring-Loaded Positive Pin Unlike static 510 connectors, the 510-R usually features a high-tension spring behind the center pin. This ensures a constant electrical connection even if the male end of the attachment varies in length. ### Rebuildable Nature The "R" can signify that the part is user-serviceable. The center pin and insulator can be popped out and replaced if the threading strips or the insulator scorches. ### Enhanced Conductivity Many 510-R parts use **Beryllium Copper** springs. Beryllium copper is used because it maintains its tension even when heated by high electrical current, preventing the "voltage drop" common in cheaper steel springs. --- ## 4. Wiring Diagram Basics To integrate a 510-R into a circuit, follow this logic: ```cpp // Schematic Logic [Battery Positive] --> [Switch/MOSFET] --> [510-R Center Pin] [Battery Negative] --> [Enclosure/Ground] --> [510-R Outer Threading] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between PEEK and Teflon insulators in 510 connectors?
    • ⤷ How do I calculate the voltage drop across a 510-R connector?
    • ⤷ Can a 510-R connector be used for data transmission or only power?