Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • -6C6-R

  • AI
    The **6C6-R** is a specific variant of the historic 6C6 vacuum tube. To understand this component, we must look at its design as a high-gain pentode, primarily used in the early to mid-20th century in radio and audio equipment. --- ### 1. General Overview The 6C6 is a **Triple-Grid Detector/Amplifier Pentode**. The "-R" suffix historically denoted a "Ruggedized" version or a specific manufacturer's branding for a replacement part intended for higher reliability in industrial or military applications. ### 2. Technical Specifications Below are the typical electrical characteristics for the 6C6-R under standard operating conditions: | Parameter | Value | | :--- | :--- | | **Heater Voltage** | 6.3 Volts (AC or DC) | | **Heater Current** | 0.3 Amperes | | **Plate Voltage (Max)** | 250 Volts | | **Screen Voltage (Max)** | 100 Volts | | **Plate Resistance** | > 1.5 MΩ (High Impedance) | | **Transconductance** | 1225 µmhos | | **Base Type** | Small 6-Pin (6A) | ### 3. Physical Construction The 6C6 series is easily identified by its physical layout: * **Top Cap:** The Control Grid (G1) is connected to a metal cap on top of the glass envelope to reduce input capacitance. * **Envelope:** Usually a "ST" (Shoulder Tube) shape, though some later versions used a straight-sided glass. * **Shielding:** Often required an external metal shield "can" to prevent electromagnetic interference in high-gain circuits. ### 4. Common Applications Due to its high amplification factor (mu), the 6C6-R was frequently used in: 1. **Audio Preamplifiers:** Used as the first stage of amplification for low-level signals. 2. **Radio Receivers:** Functions as a biased detector or a high-gain intermediate frequency (IF) amplifier. 3. **Test Equipment:** Found in older vacuum tube voltmeters (VTVM) and signal generators. ### 5. Equivalent and Replacement Parts If you are looking for a substitute for a 6C6-R, consider the following: ```text Direct Equivalents: 6C6, VT-77 (Military Designation) Similar Characteristics: 77 (Older 6.3V version), 57 (2.5V heater version) Modern Adaptation: 6SJ7 (Octal base version, requires rewiring) ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the pinout connections for a standard 6-pin 6C6 base?
    • ⤷ How does the 6C6-R differ from the standard 6C6 in terms of longevity?
    • ⤷ Can I replace a 6C6 with a 6J7 tube directly?