Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • -7255-R

  • AI
    The **7255-R** typically refers to a specific series of high-performance integrated circuits or components, most commonly associated with **IDT (Integrated Device Technology, now Renesas)** as a Dual-Port Static RAM, or occasionally in industrial power supply modules. Below is a breakdown of the electronic characteristics and technical specifications for the most common version: the **IDT7255 (FIFO/Dual-Port RAM Architecture).** --- ### 1. Technical Specifications The 7255 series is designed for high-speed buffering and asynchronous data transfer between systems with different clock speeds. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | FIFO (First-In, First-Out) Memory / Dual-Port RAM | | **Density** | Varies (Commonly 512 x 18 or 1K x 18) | | **Access Time** | 10ns to 25ns | | **Voltage Supply** | 5V (Standard) or 3.3V (Low Power variants) | | **Package Type** | TQFP, PLCC, or PQFP | | **Operating Temp** | 0°C to +70°C (Commercial) / -40°C to +85°C (Industrial) | --- ### 2. Key Internal Components & Architecture The "R" suffix often denotes a specific revision or a "Restricted" environmental compliance (like RoHS). Internally, the part consists of: * **Memory Array:** A high-speed CMOS static RAM array used to store data temporarily. * **Control Logic:** Manages "Full," "Empty," and "Half-Full" flags to prevent data overflow or underflow. * **Read/Write Pointers:** Internal counters that track the location of the next data byte to be processed. * **Expansion Logic:** Pins that allow multiple 7255 chips to be daisy-chained for deeper or wider memory buffers. --- ### 3. Pinout Functions (Common 7255) | Pin Group | Function | | :--- | :--- | | **D0 - D17** | Data Input/Output lines (18-bit wide architecture). | | **W / R** | Write and Read enable signals. | | **FF / EF** | **Full Flag** (prevents overwriting) and **Empty Flag** (prevents reading empty data). | | **RS** | Reset pin used to clear the internal pointers. | | **VCC / GND** | Power supply (positive) and Ground. | --- ### 4. Common Applications Due to its ability to handle asynchronous communication, the 7255-R is used in: 1. **Network Switches:** Buffering packets between high-speed fiber lines and slower local processors. 2. **Digital Signal Processing (DSP):** Holding data samples for real-time analysis. 3. **Video Systems:** Synchronizing frame data between different clock domains. 4. **Industrial Automation:** Acting as a bridge between a PLC (Programmable Logic Controller) and a high-speed sensor.
    ✨ Follow-up Questions
    • ⤷ Is the 7255-R you are referring to a memory chip or a power supply component?
    • ⤷ What is the specific manufacturer listed on your component's housing?
    • ⤷ Do you need the pinout diagram for a specific package like TQFP or PLCC?