Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • -7C6-R

  • AI
    The part designation **7C6-R** is most commonly associated with **Littelfuse** (specifically within their SIDACtor® Protection Thyristor series) or certain high-frequency RF components. In the context of circuit protection, it refers to a Bi-directional Protection Thyristor designed to protect sensitive electronic equipment from overvoltage transients. ### 1. Technical Specifications Below is a breakdown of the typical electronic characteristics of a **7C6-R** (Protective Component): | Feature | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Thyristor (SIDACtor) | Solid-state crowbar device | | **Polarity** | Bi-directional | Protects against positive and negative surges | | **Breakover Voltage ($V_{BO}$)** | ~6V - 8V | The voltage at which the device triggers | | **Off-State Voltage ($V_{DRM}$)** | ~6V | Maximum operating voltage without triggering | | **Peak Pulse Current ($I_{PP}$)** | High (up to 100A+) | Ability to shunt large current surges | | **Capacitance** | Low | Suitable for high-speed data lines | --- ### 2. Physical Characteristics The "R" suffix usually denotes the packaging or specific compliance standards: * **Package Type:** Often found in Surface Mount (SMD) packages like **DO-214AA (SMB)** or similar small-footprint designs. * **Termination:** Lead-free and RoHS compliant (indicated by the **-R** suffix). * **Marking:** The body is usually laser-marked with "7C6" for identification in the field. --- ### 3. Functional Mechanism The 7C6-R acts as a "crowbar" device. Unlike a TVS diode which clamps voltage, the 7C6-R functions as follows: 1. **Normal State:** It remains in a high-impedance (OFF) state, appearing invisible to the circuit. 2. **Surge Event:** When a voltage spike exceeds the breakover voltage ($V_{BO}$), the device switches to a low-impedance (ON) state. 3. **Protection:** It effectively shorts the surge to ground, protecting downstream components. 4. **Reset:** Once the current drops below the "holding current" threshold, the device automatically resets to the high-impedance state. --- ### 4. Common Applications Due to its low voltage threshold and high speed, it is frequently used in: * **Telecommunications:** Protection for SLIC (Subscriber Line Interface Circuits). * **Data Lines:** Protecting high-speed ports (USB, Ethernet) from ESD and lightning surges. * **Set-top Boxes:** Protecting input/output video ports. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 7C6-R thyristor and a standard TVS diode?
    • ⤷ How do I calculate the holding current requirements for this part in a circuit?
    • ⤷ Are there specific PCB layout recommendations for high-speed data protection using 7C6-R?