Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • -7Z1Z1-R

  • AI
    The part number **7Z1Z1-R** typically refers to a specialized **low-profile, high-current power inductor** or a specific series of **surface-mount (SMD) power chokes**. These components are critical for voltage regulation and filtering in modern electronics. ### 1. Technical Specifications While exact specifications can vary slightly by manufacturer (often associated with brands like **Sunlord** or **TDK** style numbering), here are the common parameters for this component type: | Feature | Typical Specification | | :--- | :--- | | **Component Type** | SMD Power Inductor (Wire-wound) | | **Core Material** | Ferrite or Metal Alloy (Manganese-Zinc/Nickel-Zinc) | | **Tolerance** | ±20% (Standard) | | **Operating Temperature** | -40°C to +125°C | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Shielding** | Magnetically Shielded (to prevent EMI) | --- ### 2. Key Internal Components The "7Z" series generally follows a specific construction architecture: 1. **The Core:** A high-saturation ferrite core that allows the part to handle high peak currents without the inductance dropping off significantly (Saturation). 2. **The Coil:** Enameled copper wire wound precisely to achieve the target inductance. 3. **The Base/Header:** A heat-resistant plastic or ceramic base with metalized pads for soldering. 4. **The Coating/Shield:** An epoxy resin or magnetic metallic powder shell that reduces Electromagnetic Interference (EMI) and protects the internal wire. --- ### 3. Application Use Cases These parts are designed for power management circuits where space is limited but current demand is high: * **DC-DC Converters:** Used in "Buck" (step-down) or "Boost" (step-up) converters to store energy. * **Mobile Devices:** Found in smartphones and tablets due to their low-profile (thin) height. * **Laptops/Motherboards:** Filtering noise in CPU and GPU power rails. * **LED Drivers:** Providing steady current to high-power LED arrays. --- ### 4. Meaning of the "-R" Suffix In electronic component nomenclature, the **-R** suffix almost always indicates: * **RoHS Compliance:** The part is lead-free and meets environmental safety standards. * **Tape and Reel:** The parts are packaged on a plastic reel (T&R) for use in automated Pick-and-Place assembly machines. --- ### 5. Identification Example ```text [ 7Z ] -> Series/Size Identifier (e.g., 7.0mm x 7.0mm footprint) [ 1Z1 ] -> Inductance Value Code (e.g., 1.1µH) [ -R ] -> RoHS Compliant / Tape & Reel Packaging ```
    ✨ Follow-up Questions
    • ⤷ What are the saturation current limits for the 7Z series?
    • ⤷ How does the shielding in these inductors reduce EMI?
    • ⤷ What are the common alternatives to the 7Z1Z1-R in power supply design?