Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • -A1PN-R

  • AI
    The **A1PN-R** typically refers to a high-performance **Solid State Relay (SSR)** or a specific industrial control component (often associated with brands like *Anly Electronics* or similar industrial automation manufacturers). Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Overview of the A1PN-R The A1PN-R is an electronic switching device that uses semiconductors to perform the function of a traditional electromechanical relay. It is designed for high-frequency switching and long operational life due to the lack of moving parts. ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Type** | AC/DC Control (Model dependent) | | **Load Voltage** | 24 - 280V AC (Standard) | | **Load Current** | 10A / 25A / 40A (Varies by sub-model) | | **Switching Method** | Zero-Cross Trigger | | **Isolation** | Photo-coupler (Optical Isolation) | | **Status Indicator** | LED (Red/Green) | --- ## 2. Core Electronic Components Inside the A1PN-R housing, several critical electronic parts work together to manage power: * **Optoisolator (Photocoupler):** Provides electrical isolation between the low-power control signal and the high-power load. This protects the controller (like a PLC or Arduino) from surges. * **TRIAC or SCR:** These are the primary power semiconductors. A TRIAC is used for AC switching, allowing current to flow in both directions when triggered. * **Zero-Crossing Circuit:** A timing circuit that ensures the relay only turns ON when the AC sine wave passes through zero volts. This minimizes "electrical noise" (RFI) and extends the life of the load. * **Snubber Circuit:** A combination of a resistor and capacitor (RC) connected in parallel with the output to prevent accidental triggering caused by rapid voltage changes ($dv/dt$). --- ## 3. Wiring Configuration The device typically features four screw terminals: 1. **Terminals 1 & 2 (Load Side):** Connected in series with the AC power source and the device you want to power (e.g., a heater or motor). 2. **Terminals 3 & 4 (Control Side):** Connected to the control signal (e.g., 4-32V DC). ### Typical Wiring Diagram Representation ```text Control Signal (+) ---- [ 3 ] [ 1 ] ---- AC Load | SSR | Control Signal (-) ---- [ 4 ] [ 2 ] ---- AC Neutral ``` --- ## 4. Advantages & Use Cases * **No Mechanical Wear:** Since there are no physical contacts, there is no arcing or pitting. * **Silent Operation:** Ideal for office or medical environments. * **High-Speed Switching:** Can handle rapid ON/OFF cycles required for PID temperature control. **Common Applications:** * Plastic injection molding machines. * Industrial ovens and furnaces. * Packaging machinery. * HVAC systems. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Zero-Cross and Random-Fire switching in the A1PN-R series?
    • ⤷ How do I calculate the heat sink requirements for an A1PN-R relay?
    • ⤷ Can the A1PN-R be used to control DC loads instead of AC?