Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • -AF-R

  • AI
    In the context of electronics, **AF-R** typically refers to **Audio Frequency (AF) Rectification** or specific components within a radio frequency chain designated for Audio Frequency output. It involves the conversion or isolation of signals within the audible spectrum (20 Hz to 20,000 Hz). --- ### 1. Key Components in AF-R Circuits Electronic parts associated with AF-R are designed to handle low-frequency signals without significant distortion. | Component | Function in AF-R | Characteristics | | :--- | :--- | :--- | | **AF Transformer** | Impedance matching and isolation. | Uses a laminated iron core to prevent eddy current losses at low frequencies. | | **Rectifier Diodes** | Converts AC audio signals to DC pulses. | Usually small-signal diodes (e.g., 1N4148) for detection. | | **Coupling Capacitors** | Blocks DC while allowing AF to pass. | Typically electrolytic or film capacitors (0.1µF to 10µF). | | **AF Transistors** | Signal amplification. | Low-noise transistors like the BC547 or 2N3904. | --- ### 2. Functional Stages The AF-R process generally follows these steps in a receiver or signal processor: 1. **Detection (Rectification):** The high-frequency carrier is removed, leaving only the audio envelope. This is where the "R" (Rectification) occurs. 2. **Filtering:** A low-pass filter (RC network) removes any remaining RF (Radio Frequency) ripples. 3. **Pre-amplification:** The weak AF signal is boosted to a level suitable for a power amplifier. ### 3. Technical Specifications When selecting parts for AF-R applications, engineers look at the following parameters: * **Frequency Response:** Must be flat within the 20 Hz – 20 kHz range. * **Signal-to-Noise Ratio (SNR):** Critical for maintaining audio clarity. * **THD (Total Harmonic Distortion):** Ideally < 1% for high-fidelity audio parts. --- ### 4. Common Part Numbering While "AF-R" can be a general category, you will often see it in service manuals as: * **Q-AF-R:** An Audio Frequency Rectifying Transistor. * **D-AF-R:** A Rectifying Diode in the audio stage. ```markdown Example Circuit Snippet: [RF Input] -> [Diode (AF-R)] -> [Low Pass Filter] -> [AF Output] ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between an AF transformer and an RF transformer?
    • ⤷ Which diodes are best suited for audio signal rectification?
    • ⤷ How does a coupling capacitor affect the frequency response of an AF stage?