Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • -AM2N-R

  • AI
    The **AM2N-R** series refers to a family of **isolated DC-DC converters** typically manufactured by companies like *Aimtec* or *Micro-Power*. These components are designed to convert a DC input voltage into a regulated or unregulated DC output voltage while providing electrical isolation between the input and output stages. --- ### 1. Key Technical Specifications Below are the typical technical parameters for the AM2N-R series: | Parameter | Typical Value | | :--- | :--- | | **Power Rating** | 2 Watts | | **Input Voltage Range** | 5V, 12V, or 24V DC (±10%) | | **Output Voltage** | 3.3V, 5V, 12V, 15V (Single or Dual) | | **Isolation Voltage** | 1000V DC to 3000V DC | | **Package Style** | SIP7 (Single In-line Package) | | **Efficiency** | Up to 85% | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Core Functional Components Internally, the AM2N-R consists of several electronic stages that manage power conversion: 1. **Input Filter:** Usually consists of small ceramic capacitors to minimize reflected ripple current back to the main power supply. 2. **Switching Oscillator:** Converts the DC input into a high-frequency AC signal (usually square waves). 3. **Isolation Transformer:** The heart of the unit. It transfers energy via a magnetic field, ensuring there is no direct electrical connection between input and output. 4. **Rectification & Smoothing:** High-speed diodes and output capacitors convert the AC back into a stable DC output. --- ### 3. Features and Protection * **Galvanic Isolation:** Prevents ground loops and protects sensitive logic components from high-voltage surges on the input side. * **Compact Footprint:** The SIP7 package saves significant PCB real estate compared to discrete converter designs. * **Unregulated Output:** Note that in the standard AM2N-R series, the output voltage may vary slightly depending on the load (usually ±1.2% per 1% change in input). * **Short Circuit Protection:** Most modern iterations include momentary short-circuit protection to prevent component failure. --- ### 4. Common Applications * **Industrial Controls:** Powering sensors and actuators where noise isolation is required. * **Data Communication:** Providing isolated power for RS-232, RS-485, or CAN bus interfaces. * **Medical Equipment:** Used in non-patient contact areas to isolate digital circuitry. * **Distributed Power Architectures:** Where a local 2W power source is needed from a main 12V or 24V bus.
    ✨ Follow-up Questions
    • What is the difference between regulated and unregulated versions of the AM2N-R?
    • Can you provide the pinout diagram for a standard SIP7 AM2N-R module?
    • How do I calculate the thermal derating for this part in a high-temperature environment?