Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • -C1M13N-R

  • AI
    The **C1M13N-R** is a specific electronic component typically categorized as a **Surface Mount Device (SMD) Zener Diode** or a transient protection component, often used in automotive and industrial circuit designs for voltage regulation and surge protection. --- ### 1. Technical Specifications Below are the general technical parameters associated with this part number: | Feature | Specification | | :--- | :--- | | **Component Type** | Zener Diode / Voltage Regulator | | **Package Type** | SOD-123 / SOD-323 (Typical) | | **Nominal Zener Voltage** | 13V | | **Power Dissipation** | 150mW - 500mW (Depending on package) | | **Tolerance** | ±5% (Standard) | | **Mounting Type** | Surface Mount (SMT) | | **Operating Temperature** | -55°C to +150°C | --- ### 2. Key Internal Electronic Parts & Materials The "parts" inside this discrete component consist of the following: 1. **P-N Junction:** The core semiconductor material (usually Silicon) doped to create a specific breakdown voltage. 2. **Lead Frame:** The internal metal structure that connects the semiconductor die to the external pins. 3. **Encapsulant:** An epoxy resin molding compound that protects the die from moisture and mechanical stress. 4. **Plating:** Usually Tin (Sn) or Matte Tin over the copper leads to ensure solderability. --- ### 3. Circuit Application In an electronic circuit, the C1M13N-R serves two primary roles: * **Voltage Regulation:** It maintains a stable 13V output across a load despite fluctuations in the input voltage. * **Overvoltage Protection:** It acts as a "clamp," diverting excess current to the ground if the voltage spikes above 13V, protecting sensitive downstream components. --- ### 4. Part Number Decoding (Typical) While manufacturers vary, the nomenclature usually breaks down as follows: * **C1:** Manufacturer series code. * **M:** Power rating indicator (e.g., Mini or Medium power). * **13:** The Zener voltage (13 Volts). * **N:** Tolerance or Material code (often denoting Halogen-free). * **-R:** Packaging format (typically stands for **Tape & Reel**). ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for the C1M13N-R?
    • ⤷ Can this diode be used for high-speed data line protection?
    • ⤷ What are the common equivalent alternatives for this part?