Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • -CP2N-R

  • AI
    The **CP2N-R** is a series of programmable logic controllers (PLCs) or specialized control modules often found in industrial automation or smart home systems. In the context of the popular **Creston** series, the CP2N acts as a 2-Series control system engine. Below is a breakdown of its electronic components, architecture, and specifications. --- ### 1. Core Architecture The CP2N-R is built on a high-speed processor designed to handle logic operations, communication protocols, and device management simultaneously. | Component | Description | | :--- | :--- | | **CPU** | 32-bit Motorola ColdFire® Microprocessor | | **Memory (RAM)** | Typically 32MB to 64MB SDRAM | | **Non-Volatile Flash** | Storage for user programs and firmware | | **Real-Time Clock** | Internal battery-backed clock for scheduled events | --- ### 2. Physical Electronic Ports (I/O) The "R" in the series often signifies a rack-mountable or specialized port configuration. The backplane consists of several electronic interfaces: #### Communication Ports * **COM Ports (RS-232/422/485):** These use DB9 connectors or terminal blocks to communicate with AV equipment, lighting, or HVAC. * **Cresnet® Port:** A proprietary 4-wire network (Data +, Data -, 24V, GND) used to power and control keypads and sensors. * **Ethernet Port:** A 10/100 Base-T RJ45 jack for high-speed IP control and programming updates. #### Control Interfaces * **IR/Serial Ports:** High-frequency emitters used to control consumer electronics via infrared. * **Relay Ports:** Dry contact closures used to toggle mechanical devices like projector screens or shades. * **Digital/Analog Inputs:** Sensing ports that detect voltage changes (0-24V DC) from motion sensors or contact switches. --- ### 3. Power Supply & Protection The CP2N-R requires stable DC power to maintain logic integrity and protect the internal integrated circuits. 1. **Power Input:** Usually 24V DC via the Cresnet bus or a dedicated barrel jack. 2. **Internal Voltage Regulation:** Low-dropout (LDO) regulators convert 24V down to 5V and 3.3V for the CPU and logic gates. 3. **Fuse Protection:** Includes self-resetting polyfuses to prevent damage from overcurrent on the Cresnet lines. --- ### 4. Technical Summary Table | Feature | Specification | | :--- | :--- | | **Logic Engine** | 2-Series (Creston Architecture) | | **Operating System** | Real-time, multi-threaded OS | | **Connectivity** | 10/100 Mbps Ethernet, RS-232 | | **Status Indicators** | Front panel LEDs (PWR, NET, MSG, LNK, ACT) | | **Expansion** | Y-Bus and Z-Bus support for additional I/O | ---
    ✨ Follow-up Questions
    • ⤷ How does the CP2N-R compare to the newer 3-Series or 4-Series controllers?
    • ⤷ What are the common failure points in the CP2N-R power circuitry?
    • ⤷ Can the CP2N-R be programmed using modern SIMPL Windows software?