Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • -CY-R

  • AI
    The designation **CY-R** most commonly refers to a specific classification of **Safety-Standard Recognized Ceramic Capacitors** (often categorized as Y-capacitors). These are critical electronic components used for electromagnetic interference (EMI) suppression and safety isolation in power supplies. --- ### 1. What is a CY-R Component? In electronic schematics and part numbering, "CY" generally denotes a **Ceramic Y-Capacitor**. The suffix "-R" often indicates compliance with specific safety regulations (like RoHS) or a radial lead configuration. These components are designed to be connected between a power line and "ground." Their primary job is to filter high-frequency noise while ensuring that, in the event of a failure, the user is protected from electric shock. ### 2. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Component Type** | Safety Ceramic Disc Capacitor | | **Safety Class** | Y1 or Y2 (Line-to-Ground) | | **Dielectric Material** | Ceramic (Class I or Class II) | | **Voltage Rating** | Typically 250V AC to 440V AC | | **Failure Mode** | Designed to fail "Open" (to prevent shock) | | **Common Uses** | Switching Power Supplies (SMPS), LED Drivers, Chargers | --- ### 3. Key Electronic Characteristics #### A. Safety Isolation Unlike standard capacitors, CY-R parts are tested to withstand high voltage surges (transients). If a normal capacitor shorts out, it could energize the metal chassis of a device; a CY-R capacitor is engineered to minimize the risk of fire or electric shock. #### B. Noise Suppression They act as a low-impedance path for high-frequency common-mode noise, shunting it to the ground before it can interfere with other electronics or exit the device back into the power grid. #### C. Physical Construction * **Encapsulation:** Coated with flame-retardant epoxy resin (UL94V-0 rated). * **Leads:** Usually radial (two wires coming out of the bottom). * **Markings:** Look for stamps like VDE, UL, CQC, and ENEC, which indicate international safety certifications. --- ### 4. Comparison: X-Capacitors vs. Y-Capacitors (CY) | Feature | X-Capacitor (CX) | Y-Capacitor (CY) | | :--- | :--- | :--- | | **Connection** | Across the line (Line to Neutral) | Line to Ground | | **Purpose** | Differential Mode Noise | Common Mode Noise | | **Failure Risk** | Fire risk (if shorted) | Electric Shock risk (if shorted) | | **Requirement** | High capacitance | High isolation/impulse voltage |
    ✨ Follow-up Questions
    • ⤷ What is the difference between Y1 and Y2 safety ratings in ceramic capacitors?
    • ⤷ How do I identify the capacitance value on a CY-R disc capacitor?
    • ⤷ Can a standard ceramic capacitor be used as a replacement for a CY-R part?