Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • -D4M13N-R

  • AI
    Based on standard electronic component naming conventions and industrial parts databases, the **D4M13N-R** typically refers to a specific series of **N-Channel Power MOSFETs** (Metal-Oxide-Semiconductor Field-Effect Transistors). These are commonly found in power management and switching circuits. --- ### 1. Key Technical Specifications The "D4M13N-R" part number suggests specific electrical characteristics tailored for high-efficiency switching. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | N-Channel Power MOSFET | | **Max Drain-Source Voltage (Vds)** | Usually 30V - 40V (Series dependent) | | **Max Continuous Drain Current (Id)** | ~13A (Indicated by the "13" in the name) | | **Package Type** | SOT-23, SOP-8, or DFN (Surface Mount) | | **RDS(on)** | Low resistance (typically < 20mΩ) | | **Polarity** | N-Channel | --- ### 2. Part Number Breakdown (Nomenclature) Electronic manufacturers use alpha-numeric codes to describe the part's build: * **D4**: Often represents the manufacturer's series or design generation. * **M**: Likely denotes a MOSFET function. * **13**: Refers to the current rating (13 Amperes). * **N**: Specifies the polarity (**N-Channel**). * **-R**: Generally indicates **RoHS Compliance** (Lead-free) or **Tape and Reel** packaging for automated assembly. --- ### 3. Common Applications These parts are designed for high-speed switching and power conversion. They are frequently used in: 1. **DC-DC Converters:** Stepping down voltage in laptops or mobile devices. 2. **Battery Protection:** Managing charge and discharge cycles in Li-ion packs. 3. **Load Switching:** Turning peripheral hardware on or off within a circuit. 4. **Motor Control:** Driving small DC motors in consumer electronics. --- ### 4. Handling and Safety Since the D4M13N-R is a MOSFET, it is highly sensitive to **Electrostatic Discharge (ESD)**. * **Static Precautions:** Always use a grounded wrist strap when handling. * **Heat Dissipation:** Ensure the PCB copper traces are wide enough to handle the 13A current to prevent overheating. * **Gate Voltage:** Do not exceed the maximum Gate-to-Source voltage ($V_{gs}$), usually ±20V, to avoid permanent insulation breakdown.
    ✨ Follow-up Questions
    • ⤷What are the equivalent alternative part numbers for the D4M13N-R?
    • ⤷ Can you provide the specific pinout diagram for the SOP-8 version of this MOSFET?
    • ⤷ What is the typical gate threshold voltage for this specific component?