Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • -DK-R

  • AI
    The **DK-R** usually refers to a specific series of **Double-Sided PCB-Mount Relay Modules** or **Digital Controller Components** often used in industrial automation, PLC systems, and power electronics. In most contexts, "DK-R" is a shorthand for high-performance electromagnetic relays designed for DIN-rail mounting or circuit integration. Below is a breakdown of the electronic components, specifications, and applications of DK-R parts. --- ### 1. Core Component Breakdown | Component | Function | Material/Type | | :--- | :--- | :--- | | **Coil** | Converts electrical energy into magnetic force to move contacts. | Copper winding (standard voltages: 12V, 24V, 230V) | | **Contacts** | The physical switch points that open or close the circuit. | Silver Alloy (AgSnO2 or AgNi) for high conductivity | | **Armature** | The moving part that connects/disconnects the contacts. | Ferromagnetic Steel | | **LED Indicator** | Provides visual feedback of the relay's status. | Integrated SMD LED | | **Protection Diode** | Prevents back-EMF spikes (flyback) from damaging circuits. | Standard Rectifier Diode (e.g., 1N4148 or equivalent) | --- ### 2. Technical Specifications (Typical) Most DK-R series components share the following electrical characteristics: * **Switching Capacity:** Usually ranges from **6A to 16A** depending on the specific model. * **Contact Configuration:** Commonly **SPDT** (Single Pole Double Throw) or **DPDT** (Double Pole Double Throw). * **Mounting Type:** Plug-in modules or direct PCB soldering. * **Isolation Voltage:** High dielectric strength (often up to **4,000V AC**) between the coil and the contacts to ensure safety. --- ### 3. Key Features of DK-R Modules 1. **Compact Design:** Designed to save space in electrical cabinets (often only 6mm to 12mm wide). 2. **Galvanic Isolation:** Ensures that the low-power control side (like an Arduino or PLC) is electrically separated from the high-power load side. 3. **Low Power Consumption:** The coils are optimized to draw minimal current when energized, reducing heat buildup. 4. **Modular Replacement:** Many DK-R units allow the relay to be pulled out of the base without disconnecting the wiring. --- ### 4. Common Applications * **PLC Interfacing:** Linking a 24V DC Programmable Logic Controller to a 230V AC motor or lamp. * **Industrial Automation:** Handling signal multiplication where one input needs to trigger multiple outputs. * **HVAC Systems:** Controlling fans, compressors, and heaters via low-voltage thermostats. * **Protection Circuits:** Used as a sacrificial component to protect expensive control hardware from surges. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an SSR (Solid State Relay) and a DK-R mechanical relay?
    • ⤷ How do I choose the correct coil voltage for a DK-R series part?
    • ⤷ What are the common failure modes for these types of electronic relays?