Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • -DP2N-R

  • AI
    The **DP2N-R** is a specific electronic component typically categorized as a **Digital Pressure Sensor** or **Pressure Switch**, commonly manufactured by companies like **Autonics** or **Panasonic (SUNX)**. These devices are used in industrial automation to monitor gas or liquid pressure and trigger electrical outputs based on set thresholds. --- ### 1. Key Technical Specifications The "R" suffix often denotes specific output characteristics (like NPN/PNP configuration) or a specific pressure range. Below are the general technical parameters: | Feature | Specification Details | | :--- | :--- | | **Pressure Type** | Gauge Pressure (Positive or Vacuum depending on model) | | **Rated Pressure Range** | Typically 0 to 1.0 MPa (Positive) or 0 to -101.3 kPa (Vacuum) | | **Power Supply** | 12 - 24V DC | | **Output Type** | Control Output (NPN or PNP open collector) | | **Analog Output** | 1 - 5V DC (Linear output for monitoring) | | **Display** | 3½ or 4-digit LED/LCD Display | | **Response Time** | < 2.5ms (High-speed detection) | --- ### 2. Main Electronic Internal Components The functionality of the DP2N-R relies on several internal electronic stages: 1. **Pressure Transducer (Piezo-resistive Element):** The "heart" of the sensor. It converts mechanical pressure into a small electrical voltage. 2. **Analog-to-Digital Converter (ADC):** Translates the raw voltage from the transducer into a digital signal that the internal microprocessor can read. 3. **Microcontroller (MCU):** Processes the data, handles the display logic, and compares the current pressure against the "Set Point" programmed by the user. 4. **Output Transistors:** Typically NPN or PNP transistors that act as electronic switches to signal a PLC (Programmable Logic Controller) when pressure limits are reached. 5. **Protection Circuitry:** Includes reverse polarity protection and overcurrent protection to prevent damage during installation. --- ### 3. Connection Pinout (General Guide) Standard DP2N series sensors usually feature a 4-wire or 5-wire connection scheme: ```markdown - Brown: Positive Power (+12-24V DC) - Blue: Negative Power (0V / GND) - Black: Control Output 1 (Digital Switch) - White: Control Output 2 or Analog Output (1-5V) ``` --- ### 4. Typical Applications * **Leak Testing:** Detecting pressure drops in sealed environments. * **Suction Verification:** Ensuring a vacuum cup has successfully grabbed a component in "Pick and Place" robotics. * **Pneumatic Monitoring:** Controlling air pressure in factory cylinders and valves. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between NPN and PNP output in the DP2N-R series?
    • ⤷ How do I calibrate the zero-point on this pressure sensor?
    • ⤷ Can the DP2N-R be used with corrosive liquids or only non-corrosive gases?