Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • -DS-P1-R1

  • AI
    The **DS-P1-R1** typically refers to a high-performance **Radar Sensor Module** (often utilizing Millimeter Wave or 24GHz technology) used for motion detection, distance measurement, and industrial automation. Below is a breakdown of its primary electronic components and technical specifications. --- ## 1. Core Electronic Components The module is composed of several critical stages that allow it to transmit signals and process return data. | Component Category | Description | | :--- | :--- | | **MMIC (Monolithic Microwave IC)** | The heart of the device; contains the Voltage Controlled Oscillator (VCO) and the Power Amplifier for the radar signal. | | **Antenna Array** | Microstrip patch antennas etched onto the PCB (typically 1 Transmit, 1 Receive) to focus the radio beam. | | **LNA (Low Noise Amplifier)** | Amplifies the weak reflected signals received from the environment without adding significant noise. | | **Mixer** | Combines the transmitted and received signals to extract the "Beat Frequency" (IF signal) used to calculate distance. | | **MCU / DSP** | An onboard Microcontroller or Digital Signal Processor that runs algorithms to filter noise and detect motion. | --- ## 2. Technical Specifications | Parameter | Typical Value | | :--- | :--- | | **Operating Frequency** | 24.00 GHz to 24.25 GHz (ISM Band) | | **Operating Voltage** | 3.3V - 5V DC | | **Detection Range** | 0.2m to 20m (Adjustable via software) | | **Interface** | UART (TTL), GPIO, or I2C | | **Beam Width** | 80° Horizontal / 32° Vertical (Approximate) | --- ## 3. Pin Configuration & Connectivity Most DS-P1-R1 modules utilize a standard 4-pin or 5-pin header for integration with microcontrollers like Arduino, ESP32, or Raspberry Pi. ```text Pin 1: VCC (Power Input 3.3V/5V) Pin 2: GND (Ground) Pin 3: TX (UART Transmit - Data out to MCU) Pin 4: RX (UART Receive - Configuration in) Pin 5: OUT (Digital Output - High/Low for motion) ``` --- ## 4. Operational Logic 1. **Transmission:** The MMIC generates a high-frequency radio wave. 2. **Reflection:** The wave hits an object and bounces back. 3. **Processing:** The sensor calculates the phase shift or time-of-flight. 4. **Output:** The sensor sends a serial command via UART or toggles a GPIO pin to alert the host system of a "Target Detected" state.
    ✨ Follow-up Questions
    • ⤷ How do I interface the DS-P1-R1 with an Arduino?
    • ⤷ What is the difference between this radar sensor and a PIR sensor?
    • ⤷ Can the sensitivity of the DS-P1-R1 be adjusted via software?