Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • -E2-R

  • AI
    The term **"E2-R"** in the context of electronic parts typically refers to a specific sub-series of **Photoelectric Sensors** manufactured by companies like **Omron**. These sensors are used for detecting the presence, absence, or distance of objects in industrial automation. Below is a detailed breakdown of the components and technical specifications related to E2-R series sensors. --- ## 1. Overview of the E2-R Series The E2-R series is primarily classified as **Proximity or Photoelectric Sensors**. They are designed for high-precision detection in environments where space is limited or where high-speed switching is required. ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Detection Method** | Inductive Proximity / Through-beam | | **Sensing Distance** | Varies (Typically 2mm to 10mm depending on model) | | **Response Frequency** | High-speed (up to 2 kHz or higher) | | **Output Type** | NPN or PNP Open Collector | | **Power Supply** | 10 to 30 VDC | | **Protection Rating** | IP67 (Dust and Water-resistant) | --- ## 2. Main Internal Components The "Electronic Parts" within an E2-R sensor consist of several critical stages: ### A. The Oscillator Circuit * **Function:** Generates a high-frequency electromagnetic field. * **Component:** LC oscillation circuit (Inductor and Capacitor). * **Mechanism:** When a metal object approaches the sensor, eddy currents are induced in the object, changing the amplitude of the oscillation. ### B. Detection / Demodulator Circuit * **Function:** Monitors the changes in the oscillation amplitude. * **Component:** Integrated Circuits (ICs) and Diodes. * **Mechanism:** It converts the AC signal from the oscillator into a DC voltage level that the rest of the circuit can interpret. ### C. Trigger / Schmitt Trigger Circuit * **Function:** Provides "snap-action" switching to prevent "chattering" (rapid on-off toggling when an object is at the threshold). * **Mechanism:** It compares the signal to a reference voltage; if it exceeds the limit, it switches the output state. ### D. Output Stage (Transistor) * **Function:** Drives the external load (e.g., a PLC input or a relay). * **Component:** Bipolar Junction Transistors (BJT) or MOSFETs. * **Logic:** Usually available as **Normally Open (NO)** or **Normally Closed (NC)**. --- ## 3. Wiring Configuration Most E2-R sensors follow standard industrial color coding: ```yaml Brown: Positive Power Supply (+V) Blue: Negative Power Supply (0V / Ground) Black: Signal Output (Load) ``` --- ## 4. Common Applications 1. **Counting:** High-speed counting of metal parts on a conveyor belt. 2. **Positioning:** Detecting the "Home" position of a robotic arm or CNC axis. 3. **Level Detection:** Monitoring the position of a metal float in a liquid tank. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between NPN and PNP output types in these sensors?
    • ⤷ How do I choose between an inductive and a photoelectric E2-R sensor?
    • ⤷ What are the common causes of failure in E2-R proximity sensors?