Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • -ES-P1-R1

  • AI
    The **ES-P1-R1** typically refers to a specific hardware revision or model of a Passive Infrared (PIR) motion sensor module or a smart plug controller (depending on the manufacturer, often associated with Eurosmart or Tuya-based IoT devices). Below is a technical breakdown of the electronic components and architecture usually found in this type of module. --- ## 1. Core Component Breakdown | Component Category | Description | Common Parts / Specs | | :--- | :--- | :--- | | **Microcontroller (MCU)** | The "brain" that processes signals and handles logic. | Often an **ESP8266** or **ESP32** (for Wi-Fi models) or a dedicated low-power CMOS IC. | | **Infrared Sensor** | The dual-element pyroelectric sensor that detects heat signatures. | **RE200B** or similar PIR element. | | **Voltage Regulator** | Steps down input voltage to the operating voltage (usually 3.3V). | **AMS1117 3.3** or low-dropout (LDO) linear regulator. | | **Fresnel Lens** | The plastic dome that focuses infrared light onto the sensor. | High-density Polyethylene (HDPE) array. | | **Signal Processor** | An IC that filters noise and converts analog pulses to digital signals. | **BISS0001** (Standard PIR Controller IC). | --- ## 2. Technical Specifications (Typical) ### Electrical Characteristics * **Operating Voltage:** 3V to 12V DC (depending on the specific board integration). * **Static Current:** < 50µA (ideal for battery-powered IoT applications). * **Output Level:** High (3.3V) / Low (0V). * **Delay Time:** Adjustable (usually via a potentiometer or software). ### Sensing Capabilities * **Detection Angle:** Approximately 100° to 120° cone shape. * **Detection Range:** Up to 7 meters (adjustable). --- ## 3. Circuit Logic & Connectivity The **ES-P1-R1** board generally follows a three-stage circuit flow: 1. **Detection Stage:** The PIR element detects a change in the infrared radiation pattern caused by human movement. 2. **Amplification Stage:** The **BISS0001** (or similar) IC amplifies the very weak signal from the PIR element and compares it against a threshold. 3. **Output Stage:** If the signal exceeds the threshold, the `OUT` pin goes **High**. This pin is usually connected to a GPIO on a Wi-Fi module to trigger a notification or turn on a relay. --- ## 4. Pinout Configuration | Pin Name | Function | Connection Note | | :--- | :--- | :--- | | **VCC** | Power Input | Connect to 3.3V - 5V DC. | | **GND** | Ground | Common Ground. | | **OUT / SIG** | Digital Output | Connect to MCU Input or Relay Module. | ---
    ✨ Follow-up Questions
    • ⤷ How do I adjust the sensitivity and delay on the ES-P1-R1?
    • ⤷ Can this module be integrated directly with Home Assistant or ESPHome?
    • ⤷ What is the difference between the R1 and R2 hardware revisions?