Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • -F4W-R

  • AI
    The **F4W-R** is a specific model identifier typically associated with **Fujisoku (Nidec Components)** or similar manufacturers, primarily representing a series of high-quality **Toggle Switches**. Specifically, it refers to a sub-miniature, waterproof/washable toggle switch designed for PCB mounting. --- ### 1. General Specifications These parts are engineered for reliability in environments where dust or moisture may be present. | Feature | Specification (Typical) | | :--- | :--- | | **Switch Type** | Toggle Switch | | **Pole Configuration** | 4-Pole (4P) | | **Circuit Function** | ON-ON (Standard) | | **Mounting Type** | Through-hole PC Terminal | | **Sealing** | Waterproof (Internal O-ring and Epoxy sealed) | | **Contact Rating** | AC 125V 6A / DC 30V 4A | --- ### 2. Key Electronic Components & Materials The internal construction of the F4W-R series involves several specialized materials to ensure low contact resistance and environmental protection: * **Actuator (Lever):** Typically made of chrome-plated copper alloy or stainless steel. * **Housing/Base:** Constructed from heat-resistant resins (like Diallyl Phthalate - DAP) to withstand wave soldering temperatures. * **Contacts:** * *Silver-plated:* For power applications. * *Gold-plated:* For low-level logic signals to prevent oxidation. * **Sealing Elements:** * **Rubber O-ring:** Located at the base of the toggle to prevent liquid ingress. * **Epoxy Seal:** Applied at the terminal base to ensure flux does not enter the switch during soldering. --- ### 3. Terminal Layout (4-Pole Configuration) As a "4W" model, this device features four independent poles, allowing the user to control four separate circuits simultaneously with a single physical flip of the toggle. ```text Terminal View (Bottom): [ 1 ] [ 4 ] [ 7 ] [ 10 ] <- Throw 1 [ 2 ] [ 5 ] [ 8 ] [ 11 ] <- Common [ 3 ] [ 6 ] [ 9 ] [ 12 ] <- Throw 2 ``` --- ### 4. Applications Due to the waterproof and multi-pole nature of the F4W-R, it is commonly found in: * **Industrial Control Panels:** Where multiple signal lines need to be toggled at once. * **Medical Equipment:** Requiring washable surfaces for sterilization/cleaning. * **Marine Electronics:** Exposure to high humidity or salt spray. * **Testing Instrumentation:** Where high-density switching is required on a PCB.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the silver and gold contact versions of this switch?
    • ⤷ Can the F4W-R switch be used for AC power switching above 125V?
    • ⤷ How does the 'washable' rating affect the PCB cleaning process?