Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • -H4N-R

  • AI
    The **Zoom H4n Pro (H4N-R)** is a popular portable digital recorder used by musicians and filmmakers. Its internal electronics are designed to balance high-fidelity audio capture with low-noise processing. Below is an overview of the key electronic components and subsystems found within the device. --- ### 1. Audio Capture Components The "front end" of the device handles the physical sound conversion. | Component | Description | | :--- | :--- | | **XY Microphones** | Unidirectional condenser microphones arranged in an XY pattern to ensure phase coherence. | | **XLR/TRS Combo Jacks** | Integrated inputs with high-voltage tolerance, allowing for both balanced mic cables and line-level instruments. | | **Preamps** | High-performance, low-noise amplifiers (similar to those found in Zoom's H5/H6 models) that boost weak signals before digitization. | ### 2. Digital Signal Processing (DSP) Once the analog signal is captured, it is processed by a dedicated chipset. * **A/D Converters (Analog-to-Digital):** Converts incoming electrical voltages into 24-bit digital data. * **Clock Crystal:** A precise electronic oscillator that ensures "jitter-free" recording, keeping the audio samples perfectly timed. * **Onboard Effects Processor:** A logic chip capable of real-time processing for compression, limiting, low-cut filtering, and guitar amp modeling. ### 3. Power Management System The H4n Pro uses a sophisticated power rail to support different voltage requirements. * **Phantom Power Circuitry:** Step-up converters that provide **+24V or +48V** to external condenser microphones via the XLR ports. * **Stamina Mode Logic:** A hardware-level switch that optimizes the CPU and display power consumption to extend battery life up to 10 hours. * **USB Power Bridge:** Allows the device to draw 5V DC power from a computer while simultaneously acting as a USB Audio Interface. ### 4. Storage and Connectivity * **SDHC Controller:** Manages data transfer to SD cards (up to 32GB). * **USB 2.0 Interface:** An integrated controller that handles the "Audio Interface" mode, allowing the device to act as a sound card for a PC or Mac. * **Headphone Amp:** A dedicated low-impedance output stage designed to drive studio monitors or headphones without distortion. --- ### Summary Table: Key Specifications | Feature | Electronic Specification | | :--- | :--- | | **Max SPL** | 140 dB SPL (at the XY mics) | | **Sampling Rate** | 44.1 / 48 / 96 kHz | | **Bit Depth** | 16-bit / 24-bit | | **Input Impedance** | 3kΩ (Balanced) / 470kΩ (Unbalanced) | | **Output Load** | 10kΩ or more |
    ✨ Follow-up Questions
    • ⤷ What is the difference between the H4n and the H4n Pro electronic preamps?
    • ⤷ How do I troubleshoot a 'Card Error' on the H4n-R?
    • ⤷ Can the H4n-R be powered via a mobile power bank?