Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • -J3-R

  • AI
    In electronics, **J3-R** is most commonly a reference designator used on Printed Circuit Boards (PCBs) or a specific component part number suffix. Depending on the context, it usually refers to a connector or a specific resistor/transistor series. --- ### 1. The Reference Designator (PCB Labeling) On a circuit board, alphanumeric codes identify the type of component and its position. | Component Code | Meaning | Context | | :--- | :--- | :--- | | **J** | Jack or Connector | "J3" identifies the third connector on the board. | | **R** | Right or Revision | The "-R" suffix often indicates "Right-Angle" or "Revision R". | **Common Example:** If you see **J3-R** printed on a board near a port, it likely refers to a **Right-Angle Connector** (like a USB, Power Jack, or Header) located at position J3. --- ### 2. Specific Electronic Component Parts Several manufacturers use "J3-R" as a part of their nomenclature. Here are the most frequent occurrences: #### A. Transistors (SOT-23 Marking) Small Surface Mount Devices (SMD) often use short codes. * **Part:** Often associated with the **S9013** NPN Silicon Transistor. * **Marking:** "J3" is the standard SMD code for an S9013 transistor. * **The "R":** Usually indicates the hFE (gain) ranking or the tape-and-reel packaging direction. #### B. Rectifier Diodes Some Schottky or Fast Recovery diodes use J3 as a series identifier. * **Example:** SK34 series or similar power rectifiers. * **Function:** Used for voltage clamping, reverse polarity protection, or power switching. #### C. Connectors (Terminal Blocks) In industrial electronics, J3-R can refer to a 3-pin connector with a specific pitch. * **Pitch:** Commonly 2.54mm or 3.81mm. * **Type:** Pluggable terminal blocks where "R" indicates the orientation of the wire entry. --- ### 3. Technical Specifications (General J3 Transistor) If your J3-R refers to the common **S9013 (J3)** transistor, these are the typical specs: | Parameter | Value | | :--- | :--- | | **Type** | NPN | | **Package** | SOT-23 (Surface Mount) | | **Max Collector Current (Ic)** | 500 mA | | **Max Voltage (Vceo)** | 25 V | | **Power Dissipation** | 300 mW | --- ### Summary Checklist To identify your specific J3-R part, check the following: 1. **Physical Shape:** Is it a 3-pin small plastic box (Transistor) or a metal/plastic port (Connector)? 2. **Board Marking:** Is "J3-R" printed on the silk screen of the board, or is it etched into the component itself? 3. **Schematic:** Consult the "Bill of Materials" (BOM) for the device to confirm the manufacturer.
    ✨ Follow-up Questions
    • ⤷How do I identify if a J3 component is a transistor or a diode using a multimeter?
    • ⤷ What are the common pinouts for a J3 SOT-23 transistor?
    • ⤷ Can I substitute a J3 NPN transistor with a different model?