Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • -N23-R2

  • AI
    Based on common electronics nomenclature and industrial component standards, the designation **N23-R2** most frequently refers to a specific variant of a **Rotary Switch** or a **Potentiometer/Encoder** assembly used in precision control systems. Below is a breakdown of the technical aspects typically associated with this part series. --- ### 1. Component Overview The N23-R2 series is generally characterized as a compact, high-precision control component. It is often found in industrial automation, medical equipment, or high-end audio interfaces. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Precision Rotary Switch / Potentiometer | | **Circuitry** | R2 denotes a specific Revision or Resistance Curve (Type B/Linear) | | **Mounting Type** | Through-hole (PCB) or Panel Mount | | **Terminal Material** | Silver or Gold-plated for high conductivity | | **Operating Life** | Usually rated for 10,000 to 50,000 cycles | --- ### 2. Key Electronic Characteristics The "R2" suffix often indicates specific electrical parameters within the N23 family: * **Resistance/Tolerance:** If it is a potentiometer, R2 usually signifies a specific resistance value (e.g., 2k Ohms or a specific logarithmic taper). * **Switching Positions:** If it is a rotary switch, it typically features a fixed number of detents (clicks) to provide tactile feedback to the user. * **Voltage Rating:** Most N23 series components are designed for low-voltage signal paths, typically **DC 12V to 24V**. * **Current Rating:** Rated for low current, often in the **10mA to 100mA** range, making them suitable for signal switching rather than power switching. --- ### 3. Pin Configuration and Mechanical Design The N23-R2 usually follows a standard footprint to ensure stability on a Printed Circuit Board (PCB). 1. **Shaft Design:** Often features a "D-shape" or "Knurled" shaft to prevent the control knob from slipping. 2. **Housing:** Constructed from high-temperature plastic or die-cast metal to shield against Electromagnetic Interference (EMI). 3. **Seal Rating:** Often carries an IP40 or IP65 rating, depending on whether it is intended for dusty or moist environments. --- ### 4. Common Applications * **Industrial Panels:** Setting parameters for motor speeds or timers. * **Medical Devices:** Adjusting sensitivity on diagnostic equipment. * **Test & Measurement:** Calibration tools where fine-tuning is required.
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer for your N23-R2 part?
    • ⤷ Do you need the pinout diagram for a 3-pin or 5-pin version?
    • ⤷ Are you looking for a direct replacement or a technical datasheet?