Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • -R-E1-R

  • AI
    The designation **R-E1-R** typically refers to a specific configuration of resistors or a part number in a passive component network. In most engineering contexts, this notation describes a **Resistor-Resistor** bridge or a specific resistance value code. ### 1. Decoding the Notation Depending on the manufacturer, the characters signify the following: | Part Segment | Meaning | Technical Description | | :--- | :--- | :--- | | **R** | Component Type | Indicates a **Resistor**. | | **E1** | Value/Series | Often refers to a resistance value (e.g., 0.1 $\Omega$ or 1 $\Omega$) or the **E-series** of preferred numbers (E24, E96). | | **R** | Tolerance/Type | Can indicate the unit (Ohms) or a specific package style (e.g., Radial or Rectangular). | --- ### 2. Common Applications Parts labeled with this type of nomenclature are generally found in the following electronic circuits: 1. **Voltage Dividers:** Used to step down voltage by placing two resistors in series. 2. **Current Sensing:** Low-resistance versions (where E1 represents a fraction of an Ohm) are used to measure current flow in power supplies. 3. **Terminators:** Used in high-speed data lines to prevent signal reflection. ### 3. Technical Specifications When selecting an "R" series component, engineers look at these four critical parameters: * **Resistance ($\Omega$):** The opposition to current flow. * **Tolerance ($\pm\%$):** How much the actual resistance varies from the nominal value (typically 1% or 5%). * **Power Rating (W):** The maximum heat the part can dissipate before failing (e.g., 1/4W, 1/2W). * **Temperature Coefficient (TCR):** How much the resistance changes as the temperature rises. --- ### 4. Visual Identification (SMD vs. Through-Hole) | Type | Appearance | Identification | | :--- | :--- | :--- | | **SMD (Surface Mount)** | Small black rectangles | Numeric codes (e.g., 102 for 1k$\Omega$). | | **Through-Hole** | Cylindrical with wire leads | Color-coded bands. |
    ✨ Follow-up Questions
    • ⤷ What is the specific resistance value for E1 in the E-series standard?
    • ⤷ How do I calculate the power rating needed for this resistor?
    • ⤷ Is R-E1-R a part of a specific manufacturer's catalog like Vishay or Yageo?