Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • -SA13-R

  • AI
    The **SA13-R** is typically a part number associated with specific electronic components, most commonly identified as a **high-speed diode** or a **Transient Voltage Suppressor (TVS) diode**. Below is a detailed technical breakdown of its electronic characteristics. --- ## 1. Component Overview The SA13-R belongs to the "SA Series" of diodes. These are designed to protect sensitive electronic equipment from voltage transients caused by lightning, inductive load switching, and electrostatic discharge (ESD). ### Key Technical Specifications | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Reverse Stand-off Voltage ($V_{R}$)** | 13.0 V | The maximum voltage the device can block without leaking. | | **Breakdown Voltage ($V_{BR}$)** | 14.4V - 15.9V | The voltage at which the diode begins to conduct. | | **Clamping Voltage ($V_C$)** | 21.5 V | The maximum voltage across the diode during a surge. | | **Peak Pulse Power ($P_{PP}$)** | 500 Watts | Power dissipation capacity for a 10/1000μs pulse. | | **Peak Pulse Current ($I_{PP}$)** | 23.3 A | The maximum surge current the device can handle. | --- ## 2. Physical Characteristics * **Package Type:** Usually **DO-15** (Axial Lead). * **Case Material:** Molded plastic, UL Flammability Classification 94V-0. * **Polarity:** Color band denotes the cathode (for unidirectional versions). * **RoHS Status:** The "-R" suffix usually indicates **RoHS Compliance** (Lead-free/Restriction of Hazardous Substances). --- ## 3. Operating Principles The SA13-R functions by acting as a "shunt" in a circuit. 1. **Normal Operation:** When the circuit operates at its rated voltage (below 13V), the diode appears as an open circuit with negligible leakage current. 2. **Transient Event:** If a voltage spike exceeds the breakdown voltage ($V_{BR}$), the diode rapidly switches to a low-resistance state. 3. **Clamping:** It clamps the voltage to a safe level ($V_C$), diverting the excess current to the ground to protect downstream components like ICs and microprocessors. --- ## 4. Common Applications * **Data Line Protection:** Protecting I/O ports in computers and peripherals. * **Power Supplies:** Preventing surges from reaching sensitive DC circuits. * **Telecommunications:** Protection for signal lines and exchange equipment. * **Industrial Controls:** Safeguarding PLC inputs and sensor modules. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the SA13A and SA13-R?
    • ⤷ Can this diode be used for AC voltage protection?
    • ⤷ What are the common alternatives to the DO-15 package for TVS diodes?