Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • -SDI-RX

  • AI
    ## Understanding SDI-RX (Serial Digital Interface Receiver) An **SDI-RX** is the receiving component in a professional video broadcast system. It is designed to take a high-speed serial bitstream over a coaxial cable (or fiber) and convert it back into parallel video data that a processor (like an FPGA or SoC) can understand. --- ### 1. Key Electronic Components of an SDI-RX Circuit The circuitry for an SDI receiver usually involves a specific signal chain to ensure data integrity over long distances. | Component | Function | | :--- | :--- | | **BNC Connector** | The physical interface, usually 75-ohm, designed for high-frequency signals. | | **Adaptive Cable Equalizer** | Automatically compensates for signal loss and high-frequency attenuation caused by long coaxial cables. | | **Clock and Data Recovery (CDR)** | Extracts the clock signal from the incoming data stream to re-time the bits and reduce jitter. | | **Deserializer** | Converts the high-speed serial data (e.g., 12Gbps) into a lower-speed parallel bus (e.g., 10-bit or 20-bit). | | **Descrambler / Decoder** | Reverses the NRZI encoding and scrambling used in SDI transmission to recover the original YCbCr video data. | --- ### 2. The SDI-RX Signal Chain Process To process the signal, the electronics follow these specific steps: 1. **Equalization:** As digital signals travel through copper, they smear. The **Equalizer IC** boosts the high frequencies to "sharpen" the square waves. 2. **Reclocking:** The **CDR** unit looks at the transitions in the data. It locks onto the frequency to eliminate "jitter" (timing errors) that could cause pixel noise. 3. **Framing/Alignment:** The receiver looks for a specific bit pattern called the **TRS (Timing Reference Signal)**. This tells the electronics where a video line starts (EAV/SAV). 4. **Conversion:** The serial bits are grouped into words. For example, in 3G-SDI, 2.97 Gbps of serial data is turned into 148.5 MHz parallel data. --- ### 3. Common Standards for SDI-RX Different electronic specifications are required depending on the resolution: | Standard | Max Bitrate | Typical Resolution | | :--- | :--- | :--- | | **SD-SDI** | 270 Mbps | 480i / 576i | | **HD-SDI** | 1.485 Gbps | 720p / 1080i | | **3G-SDI** | 2.97 Gbps | 1080p60 | | **6G-SDI** | 6 Gbps | 4K 30fps | | **12G-SDI** | 12 Gbps | 4K 60fps | --- ### 4. Implementation Example (FPGA) In modern hardware, the "RX" logic is often split between a **Physical Layer chip (PHY)** and an **FPGA**. ```verilog // Simplified conceptual logic for SDI RX Data Extraction module sdi_rx_logic ( input wire clk_recovered, input wire [19:0] parallel_data_in, output reg [9:0] y_channel, output reg [9:0] c_channel ); // Logic to detect TRS (Timing Reference Signal) // 3FF, 000, 000 sequence detection always @(posedge clk_recovered) begin // De-interleaving and processing logic here end endmodule ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between an Adaptive Equalizer and a Reclocker in SDI-RX?
    • ⤷ Which semiconductor companies are the leading manufacturers of SDI-RX chips?
    • ⤷ How does 12G-SDI differ from 3G-SDI in terms of PCB layout requirements?