Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • -U2BB-R

  • AI
    The **U2BB-R** typically refers to a high-speed, surface-mount (SMD) **Ultra-Fast Recovery Rectifier Diode**. These components are critical in power electronics for converting alternating current (AC) to direct current (DC) while minimizing energy loss during high-frequency switching. --- ### 1. Key Technical Specifications Below are the typical parameters for a standard U2BB-R diode: | Parameter | Value (Typical) | | :--- | :--- | | **Component Type** | Ultra-Fast Recovery Rectifier | | **Forward Current ($I_F$)** | 2.0 Amperes | | **Max Repetitive Reverse Voltage ($V_{RRM}$)** | 100V - 200V (depending on sub-series) | | **Reverse Recovery Time ($t_{rr}$)** | < 25ns - 35ns | | **Forward Voltage Drop ($V_F$)** | ~0.90V to 0.95V | | **Package Type** | SMB (DO-214AA) | | **Operating Temperature** | -55°C to +150°C | --- ### 2. Core Features * **Ultra-Fast Switching:** The "Ultra-Fast" designation means the diode can transition from a conducting state to a blocking state extremely quickly. This reduces "switching losses." * **High Surge Capacity:** Designed to handle brief spikes in current without failing. * **Low Reverse Leakage:** Minimizes power wasted when the diode is in the "off" state. * **Glass Passivated Junction:** The internal silicon chip is coated with a glass layer to improve reliability and resistance against moisture/contamination. --- ### 3. Common Applications Due to its speed and current rating, the U2BB-R is found in the following circuits: 1. **Switching Power Supplies (SMPS):** Used in the output rectification stage to maintain efficiency at high frequencies (kHz to MHz). 2. **DC-DC Converters:** Acts as a freewheeling diode to protect transistors from voltage spikes. 3. **Inverters:** Essential for motor control and solar power systems. 4. **Polarity Protection:** Protects sensitive DC electronics from reversed battery connections. --- ### 4. Comparison: Standard vs. Ultra-Fast | Feature | Standard Rectifier (e.g., 1N4007) | Ultra-Fast (U2BB-R) | | :--- | :--- | :--- | | **Switching Speed** | Slow (μs range) | Very Fast (ns range) | | **Heat Generation** | High at high frequencies | Low | | **Best Use** | 50/60Hz Mains Rectification | High-frequency Switching | ---
    ✨ Follow-up Questions
    • ⤷What is the difference between an Ultra-Fast recovery diode and a Schottky diode?
    • ⤷ Can I replace a U2BB-R with a diode that has a higher voltage rating?
    • ⤷ How do I test a U2BB-R diode using a multimeter?