Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • -W1000-R

  • AI
    The **W1000-R** typically refers to a high-performance **Wireless Bridge/Access Point** or a specific series of **Programmable Logic Controller (PLC)** modules, depending on the manufacturer (most commonly associated with industrial wireless networking or Winmate rugged devices). Below is a breakdown of the core electronic components typically found in a device of this classification. --- ### 1. Core Processing & Logic These parts handle the data routing, encryption, and signal processing. | Component | Function | | :--- | :--- | | **Main Chipset (SoC)** | Often a Qualcomm or Broadcom processor that manages data throughput and system OS. | | **RAM (DDR3/DDR4)** | Temporary storage for active network tables and buffer management. | | **Flash Memory** | Stores the firmware (OS) and configuration settings. | ### 2. Wireless & RF (Radio Frequency) Section Since the "W" usually signifies "Wireless," these parts are critical for signal transmission. * **RF Transceiver:** Converts digital data into radio signals and vice versa. * **Power Amplifier (PA):** Boosts the signal strength to achieve long-range transmission (the "R" often stands for "Range" or "Radio"). * **Low Noise Amplifier (LNA):** Enhances weak incoming signals while minimizing background noise. * **Diplexers/Filters:** Used to separate different frequencies (e.g., 2.4GHz and 5GHz) to prevent interference. ### 3. Connectivity & Physical Interface The "I/O" (Input/Output) section allows the device to communicate with wired hardware. * **Ethernet Controller:** Manages the RJ45 port for wired backhaul. * **PoE (Power over Ethernet) Module:** A transformer and controller that allows the device to draw power directly from the LAN cable. * **RS-232/RS-485 Serial Ports:** Often found in industrial "R" models to connect to legacy machinery. ### 4. Power Management System Industrial electronics require stable power regulation to prevent damage from surges. ```yaml Power_Components: - Voltage_Regulators: Converts input (usually 12V-48V) to stable 3.3V or 5V for internal chips. - Surge_Protector: TVS diodes to protect against static electricity and lightning strikes. - Capacitors: High-temperature electrolytic or tantalum capacitors for signal smoothing. ``` --- ### Summary of Key Specifications (Typical W1000-R Series) * **Frequency Range:** 5.1GHz – 5.8GHz (or Dual Band). * **Standard:** 802.11a/n/ac. * **Antenna Type:** High-gain directional or SMA external connectors. * **Enclosure:** Often IP67 rated (waterproof/dustproof) for outdoor or industrial use.
    ✨ Follow-up Questions
    • ⤷ Are you referring to a specific brand like Winmate or a generic wireless bridge?
    • ⤷ Do you need the pinout diagram for the W1000-R connector?
    • ⤷ What is the specific application (e.g.
    • ⤷ long-range Wi-Fi or PLC automation) you are using this for?