Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • -Z6-R

  • AI
    The **Z6-R** typically refers to a high-performance **Brushless Electronic Speed Controller (ESC)** often used in RC racing (drifting or touring cars) or specific industrial drone applications. Below is a detailed breakdown of its electronic architecture and components. --- ### 1. Core Component: The Microcontroller (MCU) The "brain" of the Z6-R is a 32-bit ARM-based processor. * **High Clock Speed:** Allows for rapid calculation of motor timing and throttle response. * **Firmware Support:** Usually supports protocols like DShot, MultiShot, or specialized drift firmware. * **Real-time Data:** Processes input from the receiver and sensor cables simultaneously. ### 2. Power Stage (MOSFETs) The Z6-R utilizes a bank of high-current MOSFETs (Metal-Oxide-Semiconductor Field-Effect Transistors) to drive the motor. * **Low Internal Resistance:** Minimizes heat generation during high-load bursts. * **Cooling:** These are usually bonded to a CNC aluminum casing which acts as a heatsink. * **Switching Frequency:** High-frequency switching ensures smooth acceleration and "braking" feel. ### 3. Specifications Table | Feature | Description | | :--- | :--- | | **Input Voltage** | Typically 2S - 3S LiPo (7.4V - 11.1V) | | **Current Rating** | Usually 60A to 160A (depending on the specific revision) | | **BEC Output** | Built-in 6V/7.4V adjustable (for powering servos) | | **Sensor Port** | 6-pin interface for sensored brushless motors | | **Capacitor Bank** | External or internal low-ESR capacitors to filter voltage spikes | ### 4. Connectivity and Ports * **Sensor Port:** Allows the ESC to know the exact position of the motor rotor, providing "stutter-free" starts. * **Programming Port:** Used for connecting a Program Box or Bluetooth module to tune "Boost," "Turbo," and "Drag Brake" settings. * **USB Interface:** Many Z6-R models allow for PC-based firmware updates to change drive profiles. ### 5. Protection Circuitry To prevent electronic failure, the Z6-R includes several safety features: 1. **Thermal Protection:** Throttles power if the internal temperature exceeds a threshold (e.g., 105°C). 2. **Low Voltage Cutoff (LVC):** Prevents damage to the LiPo battery. 3. **Fail-Safe:** Shuts down the motor if the radio signal is lost. ---
    ✨ Follow-up Questions
    • ⤷ How do you calibrate the Z6-R ESC to a specific radio transmitter?
    • ⤷ What is the difference between sensored and sensorless modes on this ESC?
    • ⤷ Can the Z6-R be used with 4S LiPo batteries for higher speed?