Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 0-212-R

  • AI
    The part number **0-212-R** typically refers to a specialized electronic component, most commonly associated with **industrial encoders** (such as those from Dynapar or Hengstler) or specific **precision resistors**. Below is a breakdown of the technical aspects typically associated with this part series. --- ### 1. Technical Specifications Depending on the manufacturer, the "0-212-R" designation usually points to a high-precision rotary encoder component or a power resistor. | Feature | Description | | :--- | :--- | | **Component Type** | Optical Encoder / Precision Resistor | | **Interface** | TTL / Push-Pull / Analog (depending on sub-model) | | **Mounting Style** | Surface Mount or Chassis Mount | | **RoHS Status** | Compliant (indicated by the **-R** suffix) | | **Operating Temp** | -40°C to +85°C (standard industrial range) | --- ### 2. Common Applications These parts are engineered for reliability in environments where precision is critical. * **Motor Feedback:** Used to provide position and speed data to motor controllers. * **Factory Automation:** Integrated into conveyor systems and robotic arms. * **Medical Equipment:** Found in imaging devices or precision fluid pumps. * **Power Supplies:** If categorized as a resistor, used for current sensing or voltage division. --- ### 3. Decoding the Part Number In electronic nomenclature, suffixes often provide critical information: * **0-212:** The base model or series number defining the physical dimensions and core electrical properties. * **-R:** Generally signifies **RoHS Compliance** (Lead-free) or, in some catalogs, **Reverse Rotation/Polarity**. --- ### 4. Implementation Example If using this part in a digital circuit (assuming an encoder output), the wiring logic often follows this standard block: ```cpp // Example: Reading pulses from an incremental encoder part const int encoderPinA = 2; const int encoderPinB = 3; volatile long pulseCount = 0; void setup() { pinMode(encoderPinA, INPUT_PULLUP); attachInterrupt(digitalPinToInterrupt(encoderPinA), countPulse, RISING); } void countPulse() { pulseCount++; } ```
    ✨ Follow-up Questions
    • ⤷ Who is the primary manufacturer for the 0-212-R you are referencing?
    • ⤷ Is this part being used in a power circuit or a data feedback loop?
    • ⤷ Do you need the pinout diagram for a specific package type?